전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD8444 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FDD8444
상세설명  N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8444 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  FDD8444 Datasheet HTML 1Page - Fairchild Semiconductor FDD8444 Datasheet HTML 2Page - Fairchild Semiconductor FDD8444 Datasheet HTML 3Page - Fairchild Semiconductor FDD8444 Datasheet HTML 4Page - Fairchild Semiconductor FDD8444 Datasheet HTML 5Page - Fairchild Semiconductor FDD8444 Datasheet HTML 6Page - Fairchild Semiconductor FDD8444 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDD8444
Rev B (W)
www.fairchildsemi.com
6
Figure 11.
-80
-40
0
40
80
120
160
200
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VGS = VDS
ID = 250µA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
-80
-40
0
40
80
120
160
200
0.90
0.95
1.00
1.05
1.10
1.15
ID = 250µA
TJ, JUNCTION TEMPERATURE (oC)
Figure 13.
0.1
1
10
100
1000
10000
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
VDS, DRAIN TO SOURCE VOLTAGE (V)
40
Capacitance vs Drain to Source
Voltage
Figure 14.
0
2040
6080
100
0
2
4
6
8
10
ID = 50A
VDD = 25V
VDD = 20V
Qg, GATE CHARGE(nC)
VDD = 15V
Gate Charge vs Gate to Source Voltage
Typical Characteristics


유사한 부품 번호 - FDD8444

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444 Datasheet
343Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2mOhm
logo
Inchange Semiconductor ...
FDD8444 ISC-FDD8444 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD8444-F085 ONSEMI-FDD8444-F085 Datasheet
719Kb / 7P
   N-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
VBsemi Electronics Co.,...
FDD8444-NL VBSEMI-FDD8444-NL Datasheet
1,003Kb / 8P
   N-Channel 4 -V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

유사한 설명 - FDD8444

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7mOhm
FDD8444 FAIRCHILD-FDD8444 Datasheet
343Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2mOhm
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com