전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS3992 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FDS3992
상세설명  Dual N-Channel PowerTrench짰 MOSFET 100V, 4.5A, 62m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3992 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FDS3992_04 Datasheet HTML 3Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 4Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 5Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 6Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 7Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 8Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 9Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 10Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDS3992 Rev. B1
PSPICE Electrical Model
.SUBCKT FDS3992 2 1 3 ;
rev Aug 2002
Ca 12 8 2.3e-10
Cb 15 14 3.5e-10
Cin 6 8 7.47e-10
Dbody 7 5 DbodyMOD
Dbreak 5 11 DbreakMOD
Dplcap 10 5 DplcapMOD
Ebreak 11 7 17 18 108
Eds 14 8 5 8 1
Egs 13 8 6 8 1
Esg 6 10 6 8 1
Evthres 6 21 19 8 1
Evtemp 20 6 18 22 1
It 8 17 1
Lgate 1 9 5.61e-9
Ldrain 2 5 1e-9
Lsource 3 7 1.98e-9
RLgate 1 9 56.1
RLdrain 2 5 10
RLsource 3 7 19.8
Mmed 16 6 8 8 MmedMOD
Mstro 16 6 8 8 MstroMOD
Mweak 16 21 8 8 MweakMOD
Rbreak 17 18 RbreakMOD 1
Rdrain 50 16 RdrainMOD 25.e-3
Rgate 9 20 3.7
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
Rsource 8 7 RsourceMOD 20e-3
Rvthres 22 8 Rvthresmod 1
Rvtemp 18 19 RvtempMOD 1
S1a 6 12 13 8 S1AMOD
S1b 13 12 13 8 S1BMOD
S2a 6 15 14 13 S2AMOD
S2b 13 15 14 13 S2BMOD
Vbat 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*45),2.5))}
.MODEL DbodyMOD D (IS=2.4E-12 N=1.04 RS=13e-3 TRS1=2.1e-3 TRS2=4.7e-7
+ CJO=5.5e-10 M=0.57 TT=3.25e-8 XTI=4.6)
.MODEL DbreakMOD D (RS=1.6 TRS1=2.4e-3 TRS2=-1e-5)
.MODEL DplcapMOD D (CJO=1.6e-10 IS=1e-30 N=10 M=0.54)
.MODEL MmedMOD NMOS (VTO=3.8 KP=2 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=3.7)
.MODEL MstroMOD NMOS (VTO=4.35 KP=28 IS=1e-30 N=10 TOX=1 L=1u W=1u)
.MODEL MweakMOD NMOS (VTO=3.26 KP=0.04 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=37 RS=0.1)
.MODEL RbreakMOD RES (TC1=1.1e-3 TC2=-1e-8)
.MODEL RdrainMOD RES (TC1=1.15e-2 TC2=2.8e-5)
.MODEL RSLCMOD RES (TC1=3.3e-3 TC2=1e-6)
.MODEL RsourceMOD RES (TC1=1e-3 TC2=1e-6)
.MODEL RvthresMOD RES (TC1=-4.8e-3 TC2=-1.1e-5)
.MODEL RvtempMOD RES (TC1=-3e-3 TC2=1.5e-6)
.MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-3 VOFF=-2)
.MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-2 VOFF=-3)
.MODEL S2AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-1.5 VOFF=1)
.MODEL S2BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=1 VOFF=-1.5)
.ENDS
Note: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank
Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


유사한 부품 번호 - FDS3992_04

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
More results

유사한 설명 - FDS3992_04

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
FDB047N10 FAIRCHILD-FDB047N10_12 Datasheet
1Mb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP047N10 FAIRCHILD-FDP047N10_12 Datasheet
1,008Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP045N10A FAIRCHILD-FDP045N10A Datasheet
751Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.5m
FDPF045N10A FAIRCHILD-FDPF045N10A Datasheet
669Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
FDPF085N10A FAIRCHILD-FDPF085N10A Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
FDMD82100L FAIRCHILD-FDMD82100L Datasheet
253Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
FDG8850NZ FAIRCHILD-FDG8850NZ Datasheet
326Kb / 5P
   Dual N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMA1024NZ ONSEMI-FDMA1024NZ Datasheet
622Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
October-2017, Rev.2
logo
Fairchild Semiconductor
FDMS9600S FAIRCHILD-FDMS9600S Datasheet
329Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com