전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN24C 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FIN24C
상세설명  uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24C 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN24C_06 Datasheet HTML 4Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 5Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 6Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 7Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 8Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 9Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 10Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 11Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24C Rev. 1.0.2
8
Serializer Operation Mode (Continued)
A third method of serialization can be accomplished with a free running bit clock
on the CKSI signal. This mode is enabled by grounding the CKREF signal and
driving the DIRI signal HIGH.
At power-up, the device is configured to accept a serialization clock from CKSI. If
a CKREF is received, the device enables the CKREF serialization mode. The
device remains in this mode even if CKREF is stopped. To re-enable this mode,
the device must be powered down and powered back up with “logic 0” on CKREF.
Figure 6. Serializer Timing Diagram Using Provided Bit Clock (No CKREF)
WORD n-1
WORD n-1
WORD n
No Data
No Data
DP[1:24]
DSO
CKS0
CKSI
STROBE
b1 b2 b3
b1 b2 b3
b4 b5 b6 b7
b22 b23 b24 b25 b26
WORD n+1
WORD n
Serializer Operation: (Figure 6),
DIRI = 1,
No CKREF


유사한 부품 번호 - FIN24C_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN24CGFX FAIRCHILD-FIN24CGFX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

유사한 설명 - FIN24C_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com