전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6117 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL6117
상세설명  Power Distribution Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6117 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL6117 Datasheet HTML 4Page - Intersil Corporation ISL6117 Datasheet HTML 5Page - Intersil Corporation ISL6117 Datasheet HTML 6Page - Intersil Corporation ISL6117 Datasheet HTML 7Page - Intersil Corporation ISL6117 Datasheet HTML 8Page - Intersil Corporation ISL6117 Datasheet HTML 9Page - Intersil Corporation ISL6117 Datasheet HTML 10Page - Intersil Corporation ISL6117 Datasheet HTML 11Page - Intersil Corporation ISL6117 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
February 6, 2007
ISL6115EVAL1 Board
The ISL6115EVAL1 is configured as a +12V high side switch
controller with the CR level set at ~1.5A. (See Figure 21 for
ISL6115EVAL1 schematic and Table 4 for BOM). Bias and
load connection points are provided along with test points for
each IC pin.
With the chip to be biased from the +12V bus being
switched, through B2, GND B5, the load connected between
B3 and B4 and with jumper J1 installed the ISL6115 can be
evaluated. PWRON pin pulls high enabling the ISL6115 if not
driven low.
With R2 = 750
Ω the CR Vth is set to 15mV and with the
10m
Ω sense resistor the ISL6115EVAL1 has a nominal CR
level of 1.5A. The 0.047
μF delay time to latch-off capacitors
results in a nominal 4.4ms before latch-off of outputs after an
OC event.
Also included with the ISL6115EVAL1 board are one each of
the ISL6116, ISL6117 and ISL6120 for evaluation.
ISL6116EVAL1 Board
The ISL6116EVAL1 is default configured as a negative
voltage low side switch controller with a ~2.4A CR level.
(See Figure 22 for ISL6116EVAL1 schematic and Table 4 for
BOM and component description). This basic configuration
is capable of controlling both larger positive or negative
potential voltages with minimal changes.
Bias and load connection points are provided in addition to
test points, TP1-8 for each IC pin. The terminals, J1 and J4
are for the bus voltage and return, respectively, with the
more negative potential being connected to J4. With the load
between terminals J2 and J3 the board is now configured for
evaluation. The device is enabled through LOGIN, TP9 with
a TTL signal. ISL6116EVAL1 includes a level shifting circuit
with an opto-coupling device for the PWRON input so that
standard TTL logic can be translated to the -V reference for
chip control.
When controlling a positive voltage, PWRON can be
accessed at TP8.
The ISL6116EVAL1 is provided with a high voltage linear
regulator for convenience to provide chip bias from
±24V to
±350V. This can be removed and replaced with the zener &
resistor bias scheme as discussed earlier. High voltage
regulators and power discrete devices are no longer
available from Intersil but can be purchased from other
semiconductor manufacturers.
Reconfiguring the ISL6116EVAL1 board for a higher CR
level can be done by changing the RSENSE and RISET
resistor values as the provided FET is 75A rated. If
evaluation at >60V, an alternate FET must be chosen with
an adequate BVDSS.
FIGURE 19. +350V LOW SIDE SWITCHING CGATE = 100pF
FIGURE 20. +350V LOW SIDE SWITCHING CGATE = 1000pF
Typical Performance Curves (Continued)
2ms/DIV
+350V
0V
IOUT 1A/DIV
VDRAIN 50V/DIV
VGATE 5V/DIV
PWRON 5V/DIV
2ms/DIV
+350V
0V
IOUT 1A/DIV
PWRON 5V/DIV
VGATE 5V/DIV.
VDRAIN 50V/DIV
ISL6115, ISL6116, ISL6117, ISL6120


유사한 부품 번호 - ISL6117

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6117 INTERSIL-ISL6117 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6117 INTERSIL-ISL6117 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL6117 INTERSIL-ISL6117 Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6117 INTERSIL-ISL6117 Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6117 INTERSIL-ISL6117 Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

유사한 설명 - ISL6117

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com