전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6115CBZA 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL6115CBZA
상세설명  Power Distribution Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115CBZA 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL6115CBZA Datasheet HTML 4Page - Intersil Corporation ISL6115CBZA Datasheet HTML 5Page - Intersil Corporation ISL6115CBZA Datasheet HTML 6Page - Intersil Corporation ISL6115CBZA Datasheet HTML 7Page - Intersil Corporation ISL6115CBZA Datasheet HTML 8Page - Intersil Corporation ISL6115CBZA Datasheet HTML 9Page - Intersil Corporation ISL6115CBZA Datasheet HTML 10Page - Intersil Corporation ISL6115CBZA Datasheet HTML 11Page - Intersil Corporation ISL6115CBZA Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
February 6, 2007
FIGURE 13. ISL6116 +5V TURN-ON
FIGURE 14. ISL6115 ‘LOW’ OVERCURRENT RESPONSE
FIGURE 15. ISL6115 ‘HIGH’ OVERCURRENT RESPONSE
FIGURE 16. ISL6116 ‘HIGH’ OVERCURRENT RESPONSE
FIGURE 17. +50V LOW SIDE SWITCHING CGATE = 100pF
FIGURE 18. -50V LOW SIDE SWITCHING CGATE = 1000pF
Typical Performance Curves (Continued)
2V/DIV 0.5A/DIV 1ms/DIV
GATE
VOUT
PWRON
IOUT
PGOOD
5V/DIV 0.5A/DIV 1ms/DIV
CTIM
IOUT
PGOOD
VOUT
GATE
5V/DIV 0.5A/DIV 1ms/DIV
IOUT
GATE
CTIM
PGOOD
VOUT
2V/DIV 0.5A/DIV 1ms/DIV
IOUT
PGOOD
CTIM
GATE
VOUT
5ms/DIV
VDRAIN 10V/DIV.
+50V
PWRON 5V/DIV.
0V
0V
VGATE 5V/DIV.
IOUT 1A/DIV.
5ms/DIV
IOUT 1A/DIV.
0V
0V
VGATE 5V/DIV.
EN 5V/DIV.
-50V
VDRAIN 10V/DIV.
ISL6115, ISL6116, ISL6117, ISL6120


유사한 부품 번호 - ISL6115CBZA

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115CBZA RENESAS-ISL6115CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

유사한 설명 - ISL6115CBZA

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com