전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2001 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FPF2001
상세설명  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2001 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FPF2001 Datasheet HTML 1Page - Fairchild Semiconductor FPF2001 Datasheet HTML 2Page - Fairchild Semiconductor FPF2001 Datasheet HTML 3Page - Fairchild Semiconductor FPF2001 Datasheet HTML 4Page - Fairchild Semiconductor FPF2001 Datasheet HTML 5Page - Fairchild Semiconductor FPF2001 Datasheet HTML 6Page - Fairchild Semiconductor FPF2001 Datasheet HTML 7Page - Fairchild Semiconductor FPF2001 Datasheet HTML 8Page - Fairchild Semiconductor FPF2001 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
FPF2000-FPF2007 Rev. D
Electrical Characteristics Cont.
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz copper board.
Note 2: Applicable only to FPF2002 and FPF2006. Latchoff current does not include current flowing into FLAGB.
Parameter
Symbol
Conditions
Min.
Typ.
Max
Units
Protections
Under Voltage Shutdown
UVLO
VIN Increasing
1.5
1.6
1.7
V
Under Voltage Shutdown Hysteresis
50
mV
Dynamic
Turn on time
tON
RL=500 , CL=0.1uF
50
s
Turn off time
tOFF
RL=500 , CL=0.1uF
0.5
s
VOUT Rise Time
tR
RL=500 , CL=0.1uF
10
s
VOUT Fall Time
tF
RL=500 , CL=0.1uF
0.1
s
Over Current Blanking Time
tBLANK
FPF2000, FPF2001, FPF2002,
FPF2004, FPF2005, FPF2006
5
10
20
ms
Auto-Restart Time
tRSTRT
FPF2000, FPF2001, FPF2004,
FPF2005
40
80
160
ms
Short Circuit Response Time
VIN = VON = 3.3V. Moderate
Over-Current Condition.
3
s
VIN = VON = 3.3V. Hard Short.
20
ns


유사한 부품 번호 - FPF2001

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2001 FAIRCHILD-FPF2001 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2001 FAIRCHILD-FPF2001 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2001 FAIRCHILD-FPF2001 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2001 ONSEMI-FPF2001 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

유사한 설명 - FPF2001

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com