전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2500 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FPF2500
상세설명  IntelliMAX??Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2500 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FPF2500_07 Datasheet HTML 1Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 2Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 3Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 4Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 5Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 6Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 7Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 8Page - Fairchild Semiconductor FPF2500_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
FPF2500-FPF2506 Rev. D4
Typical Characteristics
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Quiescent Current vs. Temperature
Figure 3. ISHUTDOWN Current vs. Temperature
Figure 4. ISWITCH-OFF Current vs. Temperature
Figure 5. VIH vs. VIN
Figure 6. R(ON) vs. Temperature
40
45
50
55
60
65
70
75
80
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
VIN = 12V
VIN = 20V
VIN = 4.5V
50
55
60
65
70
75
80
4
6
8
10121416
1820
SUPPLY VOLTAGE (V)
VON = 5V
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
I_SHDN
VIN = 12V
VIN = 20V
0.016
0.02
0.024
0.028
0.032
0.036
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
VIN = 20V
VIN = 12V
I_SWOFF
0.50
0.55
0.60
0.65
0.70
0.75
0.80
4
6
8
1012
1416
1820
VIN, Input Voltage (V)
160
180
200
220
240
260
280
300
320
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
VIN = 12V


유사한 부품 번호 - FPF2500_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2500 FAIRCHILD-FPF2500 Datasheet
555Kb / 13P
   IntelliMAXTM Advanced Load Management Products
More results

유사한 설명 - FPF2500_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com