전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2503 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FPF2503
상세설명  IntelliMAX??Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2503 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF2503 Datasheet HTML 3Page - Fairchild Semiconductor FPF2503 Datasheet HTML 4Page - Fairchild Semiconductor FPF2503 Datasheet HTML 5Page - Fairchild Semiconductor FPF2503 Datasheet HTML 6Page - Fairchild Semiconductor FPF2503 Datasheet HTML 7Page - Fairchild Semiconductor FPF2503 Datasheet HTML 8Page - Fairchild Semiconductor FPF2503 Datasheet HTML 9Page - Fairchild Semiconductor FPF2503 Datasheet HTML 10Page - Fairchild Semiconductor FPF2503 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
FPF2500-FPF2506 Rev. D4
Typical Characteristics
Figure 13. TBLANK vs. Temperature
Figure 14. TRESTART vs. Temperature
Figure 15. TBLANK Response
Figure 16. TRESTART Response (FPF2505)
(Switch is turned on to an overcurrent condition)
Figure 17. TON Response
Figure 18. TOFF Response
3
4
5
6
7
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
500
600
700
800
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
VDRV
(Note 2)
5V/DIV
VOUT
10V/DIV
IOUT
1A/DIV
FLAGB
5V/DIV
5ms/DIV
100ms/DIV
VIN = 12V
VIN = 12V
TRESTART
VDRV
(Note 2)
5V/DIV
VOUT
10V/DIV
IOUT
1A/DIV
FLAGB
5V/DIV
VON
5V/DIV
IOUT
10mA/DIV
VON
5V/DIV
IOUT
10mA/DIV
2ms/DIV
2us/DIV
VIN=12V, CIN=10uF
RL=500Ω, CL=1uF
VIN=12V, CIN=10uF
RL=500Ω, CL=1uF


유사한 부품 번호 - FPF2503

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2503 FAIRCHILD-FPF2503 Datasheet
555Kb / 13P
   IntelliMAXTM Advanced Load Management Products
More results

유사한 설명 - FPF2503

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com