전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC706PWG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CDC706PWG4
상세설명  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDC706PWG4 데이터시트(HTML) 1 Page - Texas Instruments

  CDC706PWG4 Datasheet HTML 1Page - Texas Instruments CDC706PWG4 Datasheet HTML 2Page - Texas Instruments CDC706PWG4 Datasheet HTML 3Page - Texas Instruments CDC706PWG4 Datasheet HTML 4Page - Texas Instruments CDC706PWG4 Datasheet HTML 5Page - Texas Instruments CDC706PWG4 Datasheet HTML 6Page - Texas Instruments CDC706PWG4 Datasheet HTML 7Page - Texas Instruments CDC706PWG4 Datasheet HTML 8Page - Texas Instruments CDC706PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
www.ti.com
FEATURES
APPLICATIONS
TERMINAL ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0/CLK_SEL
S1
V
CC
GND
CLK_IN0
CLK_IN1
GND
SDATA
SCLOCK
Y5
Y4
V
CCOUT2
GND
Y3
Y2
V
CCOUT1
GND
Y1
Y0
TSSOP 20
Pitch0,65mm
6.6x6.6
V
CC
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
• Packaged in 20-Pin TSSOP
• High Performance 2:6 PLL Based Clock
• Factory Programmable for Customized Default
Synthesizer / Multiplier / Divider
Settings are Available. Contact TI Sales for
More Details.
• User Programmable PLL Frequencies
• Easy In-Circuit Programming via SMBus Data
Interface
• Wireless Base Stations
• Wide PLL Divider Ratio Allows 0-PPM Output
• Network Line Cards
Clock Error
• Datacom / Telecom
• Clock Inputs Accept a Crystal or a
Single-Ended LVCMOS or a Differential Input
Signal
PW PACKAGE
• Accepts Crystal Frequencies from 8 MHz up
(TOP VIEW)
to 54 MHz
• Accepts LVCMOS or Differential Input
Frequencies up to 200 MHz
• Two Programmable Control Inputs [S0/S1] for
User Defined Control Signals
• Six LVCMOS Outputs with Output
Frequencies up to 300 MHz
• LVCMOS Outputs can be Programmed for
Complementary Signals
• Free Selectable Output Frequency via
Programmable Output Switching Matrix [6x6]
Including 7-Bit Post-Divider for Each Output
• PLL Loop Filter Components Integrated
• Low Period Jitter (Typical 60 ps)
• Features Spread Spectrum Clocking (SSC) for
Lowering System EMI
• Programmable Output Slew-Rate Control
(SRC) for Lowering System EMI
• 3.3-V Device Power Supply
• Industrial Temperature Range –40°C to 85°C
• Development and Programming Kit for Easy
PLL Design and Programming
(TI Pro-Clock™)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pro-Clock is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - CDC706PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005GVAT TI-CDC7005GVAT Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDC7005RGZ TI-CDC7005RGZ Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZR TI-CDC7005RGZR Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
More results

유사한 설명 - CDC706PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com