전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3120D2PWP 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3120D2PWP
상세설명  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3120D2PWP 데이터시트(HTML) 1 Page - Texas Instruments

  TPA3120D2PWP Datasheet HTML 1Page - Texas Instruments TPA3120D2PWP Datasheet HTML 2Page - Texas Instruments TPA3120D2PWP Datasheet HTML 3Page - Texas Instruments TPA3120D2PWP Datasheet HTML 4Page - Texas Instruments TPA3120D2PWP Datasheet HTML 5Page - Texas Instruments TPA3120D2PWP Datasheet HTML 6Page - Texas Instruments TPA3120D2PWP Datasheet HTML 7Page - Texas Instruments TPA3120D2PWP Datasheet HTML 8Page - Texas Instruments TPA3120D2PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1 F
m
SD
MuteControl
PVCCL
TPA3120D2
TPA3120D2
SIMPLIFIED APPLICATIONCIRCUIT
PVCCR
VCLAMP
GAIN1
BYPASS
1 F
m
1 F
m
0.22 F
m
AGND
LeftChannel
RightChannel
10Vto30V
10Vto30V
}4-StepGain
Control
Shutdown
Control
LIN
RIN
BSR
BSL
PGNDR
PGNDL
0.22 F
m
22 H
m
22 H
m
0.68 F
m
470 F
m
0.68 F
m
1 F
m
470 F
m
GAIN0
AVCC
MUTE
ROUT
LOUT
TPA3120D2
SLOS507C – MARCH 2007 – REVISED MAY 2007
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
• 25-W/ch into a 4-Ω Load from a 27-V Supply
The TPA3120D2 is a 25-W (per channel) efficient,
Class-D audio power amplifier for driving stereo
• 20-W/ch into a 4-Ω Load from a 24-V Supply
speakers in a single-ended configuration or a mono
• Operates from 10 V to 30 V
bridge-tied speaker. The TPA3120D2 can drive
• Efficient Class-D Operation Eliminates Need
stereo speakers as low as 4
Ω. The efficiency of the
for Heat Sinks
TPA3120D2 eliminates the need for an external heat
sink when playing music.
• Four Selectable, Fixed Gain Settings
• Internal Oscillator (No External Components
The gain of the amplifier is controlled by two gain
Required)
select pins. The gain selections are 20, 26, 32,
36 dB.
• Single Ended Analog Inputs
The patented start-up and shut-down sequences
• Thermal and Short-Circuit Protection with
minimize
"pop"
noise
in
the
speakers
without
Auto Recovery
additional circuitry.
• Space-Saving Surface Mount 24-pin TSSOP
Package
• Televisions
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA3120D2PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPR TI-TPA3120D2PWPR Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3120D2PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com