전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA5Q0740RTYDTU 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA5Q0740RTYDTU
상세설명  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q0740RTYDTU 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA5Q0740RTYDTU Datasheet HTML 1Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 2Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 3Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA5Q0740RTYDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA5Q0740RT
4
Electrical Characteristics (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters is the current flowing in the Control IC.
2. These parameters, although guaranteed, are tested in EDS(wafer test) process.
3. These parameters indicate Inductor Current.
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB = GND
141516
V
Stop Threshold Voltage
VSTOP
VFB = GND
8
9
10
V
OSCILLATOR SECTION
Initial Frequency
FOSC
-
182022
kHz
Voltage Stability
FSTABLE 12V
≤ Vcc ≤ 23V
0
1
3
%
Temperature Stability (Note2)
∆FOSC
-25
°C ≤ Ta ≤ 85°C0
±5±10
%
Maximum Duty Cycle
DMAX
-
929598
%
Minimum Duty Cycle
DMIN
--
-
0
%
FEEDBACK SECTION
Feedback Source Current
IFB
VFB = GND
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
Vfb
≥ 6.9V
6.9
7.5
8.1
V
Shutdown Delay Current
IDELAY
VFB = 5V
456
µA
PROTECTION SECTION
Over Voltage Protection
VOVP
Vsync
≥ 11V
11
12
13
V
Over Current Latch Voltage (Note2)
VOCL
-
0.9
1.0
1.1
V
Thermal Shutdown Temp.
TSD
-
140
160
-
°C


유사한 부품 번호 - KA5Q0740RTYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5Q0740RTYDTU FAIRCHILD-KA5Q0740RTYDTU Datasheet
284Kb / 12P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA5Q0740RTYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com