전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78M12 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA78M12
상세설명  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M12 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA78M12 Datasheet HTML 1Page - Fairchild Semiconductor KA78M12 Datasheet HTML 2Page - Fairchild Semiconductor KA78M12 Datasheet HTML 3Page - Fairchild Semiconductor KA78M12 Datasheet HTML 4Page - Fairchild Semiconductor KA78M12 Datasheet HTML 5Page - Fairchild Semiconductor KA78M12 Datasheet HTML 6Page - Fairchild Semiconductor KA78M12 Datasheet HTML 7Page - Fairchild Semiconductor KA78M12 Datasheet HTML 8Page - Fairchild Semiconductor KA78M12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.5
Features
• Output Current up to 0.5A
• Output Voltages of 5, 6, 8, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area (SOA) Protection
Description
The KA78MXX series of three terminal positive regulators
are available in the TO-220/D-PAK package with several
fixed output voltages making it useful in a wide range of
applications.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
GND
GND
Internal Block Diagram
OUTPUT
3
R1
R2
GND
2
1
INPUT
SERIES
PASS
ELEMENT
SOA
PROTECTION
CURRENT
GENERATOR
STARTING
CIRCUIT
REFERENCE
VOLTAGE
ERROR
AMPLIFIER
THERMAL
PROTECTION
KA78MXX
3-Terminal 0.5A Positive Voltage Regulator


유사한 부품 번호 - KA78M12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78M12 FAIRCHILD-KA78M12 Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78M12R FAIRCHILD-KA78M12R Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
More results

유사한 설명 - KA78M12

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com