전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78M06R 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA78M06R
상세설명  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M06R 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA78M06R Datasheet HTML 1Page - Fairchild Semiconductor KA78M06R Datasheet HTML 2Page - Fairchild Semiconductor KA78M06R Datasheet HTML 3Page - Fairchild Semiconductor KA78M06R Datasheet HTML 4Page - Fairchild Semiconductor KA78M06R Datasheet HTML 5Page - Fairchild Semiconductor KA78M06R Datasheet HTML 6Page - Fairchild Semiconductor KA78M06R Datasheet HTML 7Page - Fairchild Semiconductor KA78M06R Datasheet HTML 8Page - Fairchild Semiconductor KA78M06R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
KA78MXX
2
Absolute Maximum Ratings
Note:
1. Thermal resistance test board
Size: 76.2mm * 114.3mm * 1.6mm(1S0P)
JEDEC standard: JESD51-3, JESD51-7
2. Assume no ambient airflow
Electrical Characteristics (KA78M05/KA78M05R)
(Refer to the test circuits, 0 < TJ < +125
°C, IO=350mA, VI=10V, unless otherwise specified, CI =0.33µF, CO=0.1µF)
Note:
3. Load and line regulation are specified at constant junction temperature. Change in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Value
Unit
Input Voltage (for VO = 5V to 18V)
(for VO = 24V)
VI
VI
35
40
V
V
Thermal Resistance Junction-Cases (Note1)
TO-220 (Tc = +25
°C)
R
θJC
2.5
°C/W
Thermal Resistance Junction-Air (Note1,2)
TO-220 (Ta = +25
°C)
D-PAK (Ta = +25
°C)
R
θJA
66
92
°C/W
Operating Junction Temperature Range
TOPR
0 ~ +150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ =+25
°C4.8
5
5.2
V
IO = 5 to 350mA
VI = 7 to 20V
4.75
5
5.25
Line Regulation (Note3)
∆VO
IO = 200mA
TJ =+25
°C
VI= 7 to 25V
-
-
100
mV
VI = 8 to 25V
-
-
50
Load Regulation (Note3)
∆VO
IO = 5mA to 0.5A, TJ = +25
°C
-
-
100
mV
IO = 5mA to 200mA, TJ =+25
°C-
-
50
Quiescent Current
IQ
TJ = +25
°C-
4.0
6.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 8 to 25V
--
0.8
Output Voltage Drift
∆V/∆T
IO = 5mA
TJ = 0 to +125
°C
--0.5
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
40
-
µV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 300mA
VI = 8 to 18V, TJ = +25
°C
-80
-
dB
Dropout Voltage
VD
TJ = +25
°C, IO = 500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25
°C, VI = 35V
-
300
-
mA
Peak Current
IPK
TJ = +25
°C
-
700
-
mA


유사한 부품 번호 - KA78M06R

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78M06R FAIRCHILD-KA78M06R Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
More results

유사한 설명 - KA78M06R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com