전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA25-NP 데이터시트(PDF) 2 Page - LEM

부품명 LA25-NP
상세설명  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA25-NP 데이터시트(HTML) 2 Page - LEM

  LA25-NP Datasheet HTML 1Page - LEM LA25-NP Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
060405/2
LEM
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 2/2
Dimensions LA 25-NP/SP11 (in mm. 1 mm = 0.0394 inch)
Secondary terminals
Terminal + : supply voltage + 15 V
Terminal M : measure
Terminal
-
: supply voltage - 15 V
Connection
Remark
I
S is positive when IP flows from terminal + to terminal -.
Mechanical characteristics
General tolerance
± 0.2 mm
Fastening & connection of primary
2 pins
0.635 x 0.635 mm
Fastening & connection of secondary 3 pins ∅ 1 mm
Recommended PCB hole
1.2 mm
Right view
Bottom view
Top view
Back view
in
out
Standard 00
Year
Week
or N° SP..
swiss
made


유사한 부품 번호 - LA25-NP

제조업체부품명데이터시트상세설명
logo
LEM
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
   Current Transducer LA 25-NP
LA25-NP LEM-LA25-NP Datasheet
116Kb / 2P
   Current Transducer
LA25-NP LEM-LA25-NP Datasheet
251Kb / 2P
   Current Transducer
LA25-NP LEM-LA25-NP Datasheet
130Kb / 3P
   Current Transducer
LA25-NP-SP7 LEM-LA25-NP-SP7 Datasheet
201Kb / 3P
   Current Transducer
More results

유사한 설명 - LA25-NP

제조업체부품명데이터시트상세설명
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com