전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT8952DLG4 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SN74ABT8952DLG4
상세설명  SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8952DLG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74ABT8952DLG4 Datasheet HTML 6Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 7Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 8Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 9Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 10Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 11Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 12Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 13Page - Texas Instruments SN74ABT8952DLG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SN54ABT8952, SN74ABT8952
SCAN TEST DEVICES WITH
OCTAL REGISTERED BUS TRANSCEIVERS
SCBS121D – AUGUST 1992 – REVISED JULY 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
boundary-control register
The boundary-control register (BCR) is 11 bits long. The BCR is used in the context of the RUNT instruction to
implement additional test operations not included in the basic SCOPE
™ instruction set. Such operations include
PRPG, PSA with input masking, and binary count up (COUNT). Table 4 shows the test operations that are
decoded by the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 00000000010, which selects the PSA test operation with no input masking.
The BCR order of scan is from TDI through bits 10–0 to TDO. Table 2 shows the BCR bits and their associated
test control signals.
Table 2. Boundary-Control Register Configuration
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
10
MASK8
6
MASK4
2
OPCODE2
9
MASK7
5
MASK3
1
OPCODE1
8
MASK6
4
MASK2
0
OPCODE0
7
MASK5
3
MASK1
––
––
bypass register
The bypass register is a 1-bit scan path that can be selected to shorten the length of the system scan path,
thereby reducing the number of bits per test pattern that must be applied to complete a test operation.
During Capture-DR, the bypass register captures a logic 0. The bypass register order of scan is shown in
Figure 3.
Bit 0
TDO
TDI
Figure 3. Bypass Register Order of Scan


유사한 부품 번호 - SN74ABT8952DLG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT8952DL TI-SN74ABT8952DL Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results

유사한 설명 - SN74ABT8952DLG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI1-SN54ABT8543_15 Datasheet
537Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com