전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS163BDBRE4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74ALS163BDBRE4
상세설명  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS163BDBRE4 데이터시트(HTML) 2 Page - Texas Instruments

  SN74ALS163BDBRE4 Datasheet HTML 1Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 2Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 3Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 4Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 5Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 6Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 7Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 8Page - Texas Instruments SN74ALS163BDBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163
SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SDAS276A – DECEMBER 1994 – REVISED JULY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
produces a high-level pulse while the count is maximum (9 or 15, with QA high). The high-level overflow
ripple-carry pulse can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed,
regardless of the level of CLK.
These counters feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that
modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of
the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the
stable setup and hold times.
The SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, and SN54AS163 are characterized for
operation over the full military temperature range of – 55
°C to 125°C. The SN74ALS161B, SN74ALS163B,
SN74AS161, and SN74AS163 are characterized for operation from 0
°C to 70°C.
logic symbols
14
13
12
11
CTRDIV10
LOAD
1, 5D
3
A
4
B
5
C
6
D
5CT=0
1
M2
M1
9
C5/2,3,4+
G3
10
ENT
RCO
15
3CT=9
QA
QB
QC
QD
G4
7
ENP
2
CLK
CLR
SN54ALS162B DECADE COUNTER
WITH SYNCHRONOUS CLEAR
14
13
12
11
CTRDIV16
LOAD
1, 5D
3
A
4
B
5
C
6
D
CT=0
1
M2
M1
9
C5/2,3,4+
G3
10
ENT
RCO
15
3CT=15
QA
QB
QC
QD
G4
7
ENP
2
CLK
CLR
[1]
[2]
[4]
[8]
’ALS161B AND ’AS161 BINARY COUNTERS
WITH DIRECT CLEAR
14
13
12
11
CTRDIV16
LOAD
1, 5D
3
A
4
B
5
C
6
D
5CT=0
1
M2
M1
9
C5/2,3,4+
G3
10
ENT
RCO
15
3CT=15
QA
QB
QC
QD
G4
7
ENP
2
CLK
CLR
’ALS163B AND ’AS163 BINARY COUNTERS
WITH SYNCHRONOUS CLEAR
[1]
[2]
[4]
[8]
[1]
[2]
[4]
[8]
† These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, DB, J, and N packages.


유사한 부품 번호 - SN74ALS163BDBRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS163BD TI-SN74ALS163BD Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results

유사한 설명 - SN74ALS163BDBRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com