전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50-0002TR-3000 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 AM50-0002TR-3000
상세설명  Low Noise Amplifier 1.575 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR-3000 데이터시트(HTML) 4 Page - Tyco Electronics

  AM50-0002TR-3000 Datasheet HTML 1Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 2Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 3Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 4Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Noise Amplifier, 1.575 GHz
AM50-0002
V5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
4
Application Schematic
Frequency = 1.575 GHz
Impedance
Electrical Length
T1
57.2
36.0
°
T2
82.7
16.2°
1. Pins 1, 3, 4, 5, 7, and 8 must be RF and DC grounded as
shown.
2. Pin 2 is the RF input and must be connected to the
simple matching network shown.
3. Pin 6 is the RF output, VDD is also applied on Pin 6.
FREQ
S11 (MAG) S11 (ANG) S21 (MAG) S21 (ANG)
S12 (MAG)
S12 (ANG) S22 (MAG) S22 (ANG)
(GHz)
0.75
0.921
-30.81
2.509
25.55
0.00148
8.86
0.166
-177.94
0.80
0.913
-32.28
2.819
22.22
0.00130
8.34
0.160
178.21
0.85
0.910
-33.76
3.187
18.24
0.00129
2.77
0.154
174.64
0.90
0.907
-35.75
3.593
13.38
0.00121
21.43
0.148
172.18
0.95
0.909
-37.74
4.061
8.14
0.00102
4.10
0.140
169.61
1.00
0.901
-39.48
4.562
2.42
0.00107
7.73
0.134
167.83
1.05
0.892
-41.10
5.138
-3.96
0.00106
6.05
0.125
166.68
1.10
0.898
-43.16
5.787
-10.74
0.00083
1.77
0.116
166.54
1.15
0.902
-45.17
6.477
-18.10
0.00066
-6.72
0.108
169.20
1.20
0.899
-47.10
7.253
-26.07
0.00065
-31.71
0.099
172.34
1.25
0.896
-49.30
8.079
-34.70
0.00055
-24.54
0.095
179.35
1.30
0.894
-51.27
8.956
-43.79
0.00041
-29.08
0.094
-170.96
1.35
0.894
-54.18
9.894
-53.69
0.00028
-63.69
0.102
-161.31
1.40
0.892
-56.58
10.808
-64.44
0.00053
-134.67
0.119
-153.00
1.45
0.885
-59.28
11.727
-75.73
0.00070
-137.52
0.145
-149.06
1.50
0.873
-62.30
12.525
-87.83
0.00115
-157.96
0.178
-148.14
1.55
0.857
-65.21
13.091
-100.40
0.00154
-162.50
0.214
-150.19
1.60
0.832
-67.38
13.498
-113.16
0.00208
-173.25
0.252
-154.73
1.65
0.810
-69.51
13.577
-126.00
0.00253
-178.80
0.289
-160.02
1.70
0.782
-71.55
13.373
-138.81
0.00294
173.91
0.322
-166.25
1.75
0.760
-73.07
12.964
-150.86
0.00347
167.10
0.351
-172.30
1.80
0.739
-74.16
12.390
-162.47
0.00382
162.87
0.375
-178.46
1.85
0.724
-75.18
11.688
-173.46
0.00423
155.47
0.394
175.75
1.90
0.712
-75.70
10.981
176.38
0.00474
150.99
0.409
170.19
1.95
0.699
-77.01
10.218
166.80
0.00498
148.83
0.423
165.01
2.00
0.699
-77.56
9.495
157.89
0.00544
146.02
0.432
160.40
2.05
0.692
-78.24
8.807
149.48
0.00565
142.63
0.440
155.71
2.10
0.690
-79.57
8.163
141.76
0.00600
139.72
0.448
151.79
2.15
0.688
-80.62
7.551
134.45
0.00640
136.31
0.454
147.76
2.20
0.690
-81.76
6.996
127.26
0.00673
135.38
0.459
144.08
2.25
0.689
-83.14
6.477
120.81
0.00681
132.88
0.464
140.70
2.30
0.691
-84.63
6.005
114.57
0.00740
131.06
0.467
137.31
2.35
0.691
-86.09
5.576
108.60
0.00754
129.17
0.472
134.28
2.40
0.693
-87.58
5.181
102.95
0.00793
126.95
0.475
131.15
2.45
0.693
-89.37
4.811
97.37
0.00831
126.73
0.478
128.24
2.50
0.697
-90.85
4.483
92.22
0.00854
125.02
0.481
125.56
S-Parameters


유사한 부품 번호 - AM50-0002TR-3000

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0002TR-3000 MA-COM-AM50-0002TR-3000 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

유사한 설명 - AM50-0002TR-3000

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com