전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50-0002SMB 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 AM50-0002SMB
상세설명  Low Noise Amplifier 1.575 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002SMB 데이터시트(HTML) 2 Page - Tyco Electronics

  AM50-0002SMB Datasheet HTML 1Page - Tyco Electronics AM50-0002SMB Datasheet HTML 2Page - Tyco Electronics AM50-0002SMB Datasheet HTML 3Page - Tyco Electronics AM50-0002SMB Datasheet HTML 4Page - Tyco Electronics AM50-0002SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise Amplifier, 1.575 GHz
AM50-0002
V5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
2
SOIC-8
Recommended PCB Configuration
Absolute Maximum Ratings1
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Channel Temperature 2
+150 °C
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
1. Operation of this device outside these limits may cause
permanent damage.
2. Typical thermal resistance (θjc) = +165 °C/W


유사한 부품 번호 - AM50-0002SMB

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
211Kb / 3P
   Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0002SMB MA-COM-AM50-0002SMB Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

유사한 설명 - AM50-0002SMB

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com