전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB9N65APBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFB9N65APBF
상세설명  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N65APBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFB9N65APBF Datasheet HTML 1Page - International Rectifier IRFB9N65APBF Datasheet HTML 2Page - International Rectifier IRFB9N65APBF Datasheet HTML 3Page - International Rectifier IRFB9N65APBF Datasheet HTML 4Page - International Rectifier IRFB9N65APBF Datasheet HTML 5Page - International Rectifier IRFB9N65APBF Datasheet HTML 6Page - International Rectifier IRFB9N65APBF Datasheet HTML 7Page - International Rectifier IRFB9N65APBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFB9N65APbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
5.2A
V
= 130V
DS
V
= 325V
DS
V
= 520V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
10
100
1000
10000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
400V
0
400
800
1200
1600
2000
1
10
100
1000
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


유사한 부품 번호 - IRFB9N65APBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
158Kb / 8P
   Power MOSFET
Rev. B, 21-Jul-08
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
180Kb / 9P
   Power MOSFET
01-Jan-2022
IRFB9N65APBF-BE3 VISHAY-IRFB9N65APBF-BE3 Datasheet
180Kb / 9P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFB9N65APBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com