전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL540NLPBF 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRL540NLPBF
상세설명  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL540NLPBF 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRL540NLPBF Datasheet HTML 2Page - International Rectifier IRL540NLPBF Datasheet HTML 3Page - International Rectifier IRL540NLPBF Datasheet HTML 4Page - International Rectifier IRL540NLPBF Datasheet HTML 5Page - International Rectifier IRL540NLPBF Datasheet HTML 6Page - International Rectifier IRL540NLPBF Datasheet HTML 7Page - International Rectifier IRL540NLPBF Datasheet HTML 8Page - International Rectifier IRL540NLPBF Datasheet HTML 9Page - International Rectifier IRL540NLPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRL540NS/LPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 05/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TR R
FEE D D IRE CTIO N
1 .85 (.07 3)
1 .65 (.06 5)
1 .60 (.06 3)
1 .50 (.05 9)
4.10 (.161)
3.90 (.153)
TR L
FEE D D IRE CTIO N
10.90 (.42 9)
10.70 (.42 1)
16 .10 (.63 4)
15 .90 (.62 6)
1 .75 (.069 )
1 .25 (.049 )
1 1.6 0 (.457 )
1 1.4 0 (.449 )
15.42 (.609 )
15.22 (.601 )
4.7 2 (.136 )
4.5 2 (.178 )
24 .30 (.95 7)
23 .90 (.94 1)
0.3 68 (.0 145 )
0.3 42 (.0 135 )
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MA X.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
M IN.
30.40 (1.197)
M AX.
26.40 (1.039)
24.40 (.961)
NO TES :
1. CO MFOR MS TO EIA-418.
2. CO NTRO LLING D IM ENSIO N: M ILLIM ETER.
3. DIM ENSIO N M EASURED @ HUB.
4. INCLUDES FLANG E DISTO RT IO N @ O UTER ED G E.


유사한 부품 번호 - IRL540NLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL540NL IRF-IRL540NL Datasheet
182Kb / 10P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRL540NL ISC-IRL540NL Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRL540NLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com