전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR3105PBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLR3105PBF
상세설명  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR3105PBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRLR3105PBF Datasheet HTML 3Page - International Rectifier IRLR3105PBF Datasheet HTML 4Page - International Rectifier IRLR3105PBF Datasheet HTML 5Page - International Rectifier IRLR3105PBF Datasheet HTML 6Page - International Rectifier IRLR3105PBF Datasheet HTML 7Page - International Rectifier IRLR3105PBF Datasheet HTML 8Page - International Rectifier IRLR3105PBF Datasheet HTML 9Page - International Rectifier IRLR3105PBF Datasheet HTML 10Page - International Rectifier IRLR3105PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U3105PbF
www.irf.com
9
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 16, 1999
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DATE CODE
WEEK 16
PART NUMBER
LOGO
INTERNATIONAL
RECTIFIER
ASSEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DATE CODE
OR
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)
Note: "P" in assembly line position
indicates "Lead-Free"
12
34
WEEK 16
A = ASSEMBLY SITE CODE
PART NUMBER
IRFU120
LINE A
LOGO
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER


유사한 부품 번호 - IRLR3105PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3105PBF IRF-IRLR3105PBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLR3105PBF IRF-IRLR3105PBF Datasheet
327Kb / 11P
   Advanced Process Technology
IRLR3105PBF IRF-IRLR3105PBF_15 Datasheet
327Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRLR3105PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com