전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR3715ZCPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRLR3715ZCPBF
상세설명  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715ZCPBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRLR3715ZCPBF Datasheet HTML 3Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 4Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 5Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 6Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 7Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 8Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 9Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 10Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRLR/U3715ZCPbF
www.irf.com
7
Fig 15.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

Fig 16. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr


유사한 부품 번호 - IRLR3715ZCPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3715Z IRF-IRLR3715Z Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLR3715Z IRF-IRLR3715Z Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR3715Z KERSEMI-IRLR3715Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLR3715Z ISC-IRLR3715Z Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3715ZPBF IRF-IRLR3715ZPBF Datasheet
323Kb / 11P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLR3715ZCPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com