전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR8503PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRLR8503PBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR8503PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRLR8503PBF Datasheet HTML 1Page - International Rectifier IRLR8503PBF Datasheet HTML 2Page - International Rectifier IRLR8503PBF Datasheet HTML 3Page - International Rectifier IRLR8503PBF Datasheet HTML 4Page - International Rectifier IRLR8503PBF Datasheet HTML 5Page - International Rectifier IRLR8503PBF Datasheet HTML 6Page - International Rectifier IRLR8503PBF Datasheet HTML 7Page - International Rectifier IRLR8503PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRLR8503PbF
Device Capacitance
Corresponding Charge Parameter
C
GS
Q
GS
C
GS + CGD
Q
G
C
GD
Q
GD
Power MOSFET Optimization for DC-DC Converters
While the IRLR8103V and IRLR8503 can and are be-
ing used in a variety of applications, they were designed
and optimized for low voltage DC-DC conversion in a
synchronous buck converter topology, specifically, mi-
croprocessor power applications. The IRLR8503 (Fig-
ure 1) was optimized for the control FET socket, while
the IRLR8103V was optimized for the synchronous
FET function.
Because of the inter-electrode capacitance (Figure 2)
of the Power MOSFET, specifying the R
DSON of the de-
vice is not enough to ensure good performance. An
optimization between R
DSON and charge must be per-
formed to insure the best performing MOSFET for a
given application. Both die size and device architec-
ture must be varied to achieve the minimum possible
in-circuit losses. This is independently true for both
control FET and synchronous FET. Unfortunately, the
capacitances of a FET are non-linear and voltage de-
pendent. Therefore, it is inconvenient to specify and
use them effectively in switching power supply power
loss estimations. This was well understood years ago
and resulted in changing the emphasis from capaci-
tance to gate charge on Power MOSFET data sheets.
International Rectifier has recently taken the industry
a step further by specifying new charge parameters
that are even more specific to DC-DC converter de-
sign (Table 2). In order to understand these parameters,
it is best to start with the in-circuit waveforms in Fig-
ure 3 & Figure 4.
Figure 1 – Application
Topology
Figure 2 – Inter-electrode
Capacitance
Table 1 – Traditional Charge Parameters
Table 2 – New Charge Parameters
Figure 3 – Control FET
Waveform
Figure 4 – Sync FET
Waveform
New Charge
Parameter
Description
Waveform
Q
GS1
Pre-Threshold Gate Charge
Q
GS2
Post-Threshold Gate Charge
Figure 3
Q
GCONT
Control FET Total Q
G
Q
SWITCH
Charge during control FET switching
Combines Q
GS2 and QGD
Q
OSS
Output charge
Figure 5
Charge supplied to C
OSS during the QGD
Figure 6
period of control FET switching
Q
GSYNC
Synchronous FET Total Q
G (VDS ≤ 0)
Figure 4
The waveforms are broken into segments correspond-
ing to charge parameters. These, in turn, correspond
to discrete time segments of the switching waveform.
Losses may be broken into four categories: conduc-
tion loss, gate drive loss, switching loss, and output
loss. The following simplified power loss equation is
true for both MOSFETs in a synchronous buck con-
verter:
For the synchronous FET, the P
SWITCH term becomes
virtually zero and is ignored.
P
LOSS = PCONDUCTION + PGATE DRIVE + PSWITCH + POUTPUT
Figure 5 – Q
OSS
Equivalent Circuit
Figure 6 – Q
OSS
Waveforms
Coss1
2n
IRLR8503
(Cont FET)
IRLR8103V
(Sync FET)
CGD
CGS
CDS
Drain Voltage
Gate Voltage
Drain Current
QGD
VGTH
QSwitch
QG
(Control FET)
Drain Voltage
0 V
Gate Voltage
0 A
Drain Current
Dead
Time
VGTH
Body
Diode
Current
QG (Sync FET)
g1
g2
N1
Cont FET
N2
Sync FET
SN
Coss2
2n
VIN
Switch node voltage
(VSN)
N1 Gate
Voltage
N1 Current
N1 Coss Discharge
+
N2 Coss Charge


유사한 부품 번호 - IRLR8503PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
   HEXFET MOSFET for DC-DC Converters
IRLR8503TRR IRF-IRLR8503TRR Datasheet
247Kb / 9P
   N-Channel Application-Specific MOSFET
More results

유사한 설명 - IRLR8503PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com