전자부품 데이터시트 검색엔진 |
|
PCE84C886 데이터시트(PDF) 4 Page - NXP Semiconductors |
|
PCE84C886 데이터시트(HTML) 4 Page - NXP Semiconductors |
4 / 56 page 1996 Jan 08 4 Philips Semiconductors Preliminary specification Microcontroller for monitor OSD and auto-sync applications PCE84C886 4 BLOCK DIAGRAM Fig.1 Block diagram. handbook, full pagewidth PCF84CXX core excluding ROM / RAM 8-bit internal bus 8-BIT TIMER / EVENT COUNTER CPU PARALLEL I / O PORTS 8-BIT COUNTER ROM 8 kbytes 4 x 6-BIT PWM 4 x 7-BIT PWM 3 x 4-BIT ADC I C-BUS INTERFACE 2 ON SCREEN DISPLAY 4 P0 V SS P1 DP0 DP1 DP2 PWM0 to PWM7 FB VOW0 VOW1 VOW2 C VSYNCN HSYNCN V DD TEST / EMU XTAL1 (IN) XTAL2 (OUT) RESET 14-BIT PWM RAM 192 bytes PWM8 ADC0 to ADC2 SDA SCL MLC067 T1 INTN / T0 T3 8-BIT I / O PORTS 4 8 4 8 (1) (2) (2) (3) (3) (3) (3) (1) Alternative function of DP0. (2) Alternative function of DP1. (3) Alternative function of DP2. |
유사한 부품 번호 - PCE84C886 |
|
유사한 설명 - PCE84C886 |