전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA316X-600B 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 BTA316X-600B
상세설명  16 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316X-600B 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button BTA316X-600B Datasheet HTML 5Page - NXP Semiconductors BTA316X-600B Datasheet HTML 6Page - NXP Semiconductors BTA316X-600B Datasheet HTML 7Page - NXP Semiconductors BTA316X-600B Datasheet HTML 8Page - NXP Semiconductors BTA316X-600B Datasheet HTML 9Page - NXP Semiconductors BTA316X-600B Datasheet HTML 10Page - NXP Semiconductors BTA316X-600B Datasheet HTML 11Page - NXP Semiconductors BTA316X-600B Datasheet HTML 12Page - NXP Semiconductors BTA316X-600B Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BTA316X_SER_B_C_E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
10 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
10. Package outline
Fig 12. Package outline SOT186A (TO-220F)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT186A
3-lead TO-220F
0
5
10 mm
scale
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 3-lead TO-220 'full pack'
SOT186A
A
A1
Q
c
K
j
Notes
1. Terminal dimensions within this zone are uncontrolled.
2. Both recesses are
∅ 2.5 × 0.8 max. depth
D
D1
L
L2
L1
b1
b2
e1
e
b
w M
1
23
q
E
P
T
UNIT
D
b1
D1
e
q
Q
P
L
c
L2
(1)
max.
e1
A
5.08
3
mm
4.6
4.0
A1
2.9
2.5
b
0.9
0.7
1.1
0.9
b2
1.4
1.0
0.7
0.4
15.8
15.2
6.5
6.3
E
10.3
9.7
2.54
14.4
13.5
T
(2)
2.5
0.4
L1
3.30
2.79
j
2.7
1.7
K
0.6
0.4
2.6
2.3
3.0
2.6
w
3.2
3.0
DIMENSIONS (mm are the original dimensions)
02-04-09
06-02-14
mounting
base


유사한 부품 번호 - BTA316X-600B

제조업체부품명데이터시트상세설명
logo
SiPower Inc.
BTA316X-600B SIPOWER-BTA316X-600B Datasheet
1Mb / 7P
   16A Triacs
logo
WeEn Semiconductors
BTA316X-600B WEEN-BTA316X-600B Datasheet
272Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA316X-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com