전자부품 데이터시트 검색엔진 |
|
ML34063MG 데이터시트(PDF) 2 Page - Minilogic Device Corporation Limited |
|
ML34063MG 데이터시트(HTML) 2 Page - Minilogic Device Corporation Limited |
2 / 5 page P2/5 Rev B, June 2005 ML34063 Absolute Maximum Ratings Parameter Symbol Ratings Units Input Voltage VIN 35 V Comparator Input Voltage Range VIR -0.3 to 35 V Switch Collector Voltage VC(Switch) 35 V Switch Emitter Voltage (VPin 1 = 35V) VE(Switch) 35 V Switch Collector to Emitter Voltage VCE(Switch) 35 V Drive Collector Voltage VC(Drive) 35 V Switch Collector Current IC(Switch) 100 mA Switch Current ISW 1.5 A PDIP-8 1250 Power Dissipation at TA = 25 oC SO-8 Pd 625 mW PDIP-8 100 Thermal Resistance SO-8 160 oC/W Operating Ambient Temperature Topr -0 ~ +70 oC Storage Temperature Tstg -65 ~ +150 oC Electrical Characteristics (VCC = 5V, TA = 25OC, CT = 1nF, unless otherwise specified.) Oscillator Parameter Symbol Conditions Min Typ Max Units Frequency fOSC VPin 5 = 0V 24 33 42 kHz Charge Current Ichg VCC = 5.0V to 35V 24 35 42 uA Discharge Current Idichg VCC = 5.0V to 35V 140 220 260 uA Discharge to Charge Current Ratio Idischg/Ichg Pin 7 to VCC, 5.2 6.5 7.5 Current Limit Sense Voltage Vipk(sense) Ichg = Idischg 250 300 350 mV Output Switch (Note1) Parameter Symbol Conditions Min Typ Max Units Saturation Voltage, Darlington Connection VCE(sat) ISW = 1.0A, Pins 1, 8 connected 1.0 1.3 V Saturation Voltage (Note 6) VCE(sat) ISW = 1.0A, RPin 8 = 82 ohm to VCC, 0.45 0.7 V DC Current Gain hFE ISW = 1.0A, VCE = 5.0V 50 75 Collector Off-State Current IC(off) VCE = 35V 0.01 100 uA Comparator Parameter Symbol Conditions Min Typ Max Units Threshold Voltage Vth 1.225 1.25 1.275 V Total Device Parameter Symbol Conditions Min Typ Max Units Supply Current Icc VCC = 5.0V to 35V, Pin 7 = VCC,, Vpin5 > Vth,, Pin2 = GND, remaining pins open 4.0 mA Note : 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperatures possible. |
유사한 부품 번호 - ML34063MG |
|
유사한 설명 - ML34063MG |