전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS87C51U2 데이터시트(PDF) 7 Page - ATMEL Corporation

부품명 TS87C51U2
상세설명  Double UART 8-bit CMOS Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51U2 데이터시트(HTML) 7 Page - ATMEL Corporation

Back Button TS87C51U2 Datasheet HTML 3Page - ATMEL Corporation TS87C51U2 Datasheet HTML 4Page - ATMEL Corporation TS87C51U2 Datasheet HTML 5Page - ATMEL Corporation TS87C51U2 Datasheet HTML 6Page - ATMEL Corporation TS87C51U2 Datasheet HTML 7Page - ATMEL Corporation TS87C51U2 Datasheet HTML 8Page - ATMEL Corporation TS87C51U2 Datasheet HTML 9Page - ATMEL Corporation TS87C51U2 Datasheet HTML 10Page - ATMEL Corporation TS87C51U2 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Rev. D - 15 January, 2001
7
TS80C51U2
TS83C51U2
TS87C51U2
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
DIL
LCC
VQFP 1.4
Reset
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VCC. If the hardware watchdog reaches its
time-out, the reset pin becomes an output during the time the internal reset is
activated.
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte
of the address during an access to external memory. In normal operation, ALE
is emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency,
and can be used for external timing or clocking. Note that one ALE pulse is
skipped during each access to external data memory. This pin is also the program
pulse input (PROG) during EPROM programming. ALE can be disabled by
setting SFR’s AUXR.0 bit. With this bit set, ALE will be inactive during internal
fetches.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access
to external data memory. PSEN is not activated during fetches from internal
program memory.
EA/VPP
31
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally
held low to enable the device to fetch code from external program memory
locations 0000H and 3FFFH (RB) or 7FFFH (RC), or FFFFH (RD). If EA is
held high, the device executes from internal program memory unless the program
counter contains an address greater than 3FFFH (RB) or 7FFFH (RC) EA must
be held low for ROMless devices. This pin also receives the 12.75V programming
supply voltage (VPP) during EPROM programming. If security level 1 is
programmed, EA will be internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier
RxD_1
-
12
6
I
Serial Input for UART_1. For 44-pin package only.
TxD_1
-
34
28
O
Serial Ouput for UART_1. This pin is pulled up by a 100K resistor when not
selected. For 44-pin package only.
Table 3. Pin Description for 40/44 pin packages


유사한 부품 번호 - TS87C51U2

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TS87C51U2 TEMIC-TS87C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
More results

유사한 설명 - TS87C51U2

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com