전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP01D 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC10EP01D
상세설명  Evaluation Board Manual for High Frequency SOIC 8
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP01D 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC10EP01D Datasheet HTML 6Page - ON Semiconductor MC10EP01D Datasheet HTML 7Page - ON Semiconductor MC10EP01D Datasheet HTML 8Page - ON Semiconductor MC10EP01D Datasheet HTML 9Page - ON Semiconductor MC10EP01D Datasheet HTML 10Page - ON Semiconductor MC10EP01D Datasheet HTML 11Page - ON Semiconductor MC10EP01D Datasheet HTML 12Page - ON Semiconductor MC10EP01D Datasheet HTML 13Page - ON Semiconductor MC10EP01D Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ECLSOIC8EVB
http://onsemi.com
10
J3
J2
R7
50
W
(optional) J7
C1
0.01
mF
GND
C4
0.1
mF
GND
Short
VCC
VEE
DUT
Pin 4
Pin 3
Pin 2
Pin 1
Pin 5
Pin 6
Pin 7
Pin 8
Figure 9. Configuration 6 − Translator Schematic
Table 9. Configuration 6
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Device
J1
R1
J2
R2
J3
R3
J4
R4
C2
C3
J6
R6
J7
R7
C1
C4
MC10ELT20D/MC100EL20D
No
No
Yes
No
Yes
No
No
No
No
No
No
No
Yes
Optional
Yes
Yes
MC10EPT20D/MC100EPT20D
No
No
Yes
No
Yes
No
No
No
No
No
No
No
Yes
Optional
Yes
Yes


유사한 부품 번호 - MC10EP01D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP01D ONSEMI-MC10EP01D Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10EP01D ONSEMI-MC10EP01D Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EP01DG ONSEMI-MC10EP01DG Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10EP01DG ONSEMI-MC10EP01DG Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EP01DG ONSEMI-MC10EP01DG Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
More results

유사한 설명 - MC10EP01D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com