전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP31D 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC10EP31D
상세설명  Evaluation Board Manual for High Frequency SOIC 8
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP31D 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC10EP31D Datasheet HTML 4Page - ON Semiconductor MC10EP31D Datasheet HTML 5Page - ON Semiconductor MC10EP31D Datasheet HTML 6Page - ON Semiconductor MC10EP31D Datasheet HTML 7Page - ON Semiconductor MC10EP31D Datasheet HTML 8Page - ON Semiconductor MC10EP31D Datasheet HTML 9Page - ON Semiconductor MC10EP31D Datasheet HTML 10Page - ON Semiconductor MC10EP31D Datasheet HTML 11Page - ON Semiconductor MC10EP31D Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ECLSOIC8EVB
http://onsemi.com
8
J1
J3
J4
J2
R3
50
W
J7
J6
C1
0.01
mF
GND
C4
0.1
mF
C2
0.01
mF
GND
C3
0.1
mF
VCC
VEE
DUT
Pin 4
Pin 3
Pin 2
Pin 1
Pin 5
Pin 6
Pin 7
Pin 8
(Optional)
Figure 7. Configuration 4 Schematic
R2
50
W
R1
50
W
Table 7. Configuration 4
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Device
J1
R1
J2
R2
J3
R3
J4
R4
C2
C3
J6
R6
J7
R7
C1
C4
MC10EL32D/MC100EL32D
MC10EL33D/MC100EL33D
MC100LVEL32D
Yes
Yes
Yes
Yes
Yes
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes
Yes
MC100LVEL33D
Yes
Yes
Yes
Yes
Yes
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes
Yes
MC10EP32D/MC100EP32D
MC10EP33D/MC100EP33D


유사한 부품 번호 - MC10EP31D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP31D ONSEMI-MC10EP31D Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
MC10EP31D ONSEMI-MC10EP31D Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DG ONSEMI-MC10EP31DG Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DG ONSEMI-MC10EP31DG Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC10EP31DR2 ONSEMI-MC10EP31DR2 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
More results

유사한 설명 - MC10EP31D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com