전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5326B-B-GM 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI5326B-B-GM
상세설명  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5326B-B-GM 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI5326B-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 9Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 10Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 11Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 12Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 13Page - Silicon Laboratories SI5326B-B-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Si5326
10
Confidential Rev. 0.2
23
SDA_SDO
I/O
LVCMOS
Serial Data.
In I2C control mode (CMODE = 0), this pin functions as the bidirec-
tional serial data port.
In SPI control mode (CMODE = 1), this pin functions as the serial
data output.
25
24
A1
A0
ILVCMOS
Serial Port Address.
In I2C control mode (CMODE = 0), these pins function as hard-
ware controlled address bits.
In SPI control mode (CMODE = 1), these pins are ignored.
26
A2_SS
ILVCMOS
Serial Port Address/Slave Select.
In I2C control mode (CMODE = 0), this pin functions as a hardware
controlled address bit.
In SPI control mode (CMODE = 1), this pin functions as the slave
select input.
27
SDI
I
LVCMOS
Serial Data In.
In I2C control mode (CMODE = 0), this pin is ignored.
In SPI control mode (CMODE = 1), this pin functions as the serial
data input.
29
28
CKOUT1–
CKOUT1+
OMulti
Output Clock 1.
Differential output clock with a frequency range of 10 MHz to
1.4175 GHz. Output signal format is selected by SFOUT1_REG
register bits. Output is differential for LVPECL, LVDS, and CML
compatible modes. For CMOS format, both output pins drive iden-
tical single-ended clock outputs.
34
35
CKOUT2–
CKOUT2+
OMulti
Output Clock 2.
Differential output clock with a frequency range of 10 MHz to
1.4175 GHz. Output signal format is selected by SFOUT2_REG
register bits. Output is differential for LVPECL, LVDS, and CML
compatible modes. For CMOS format, both output pins drive iden-
tical single-ended clock outputs.
36
CMODE
I
LVCMOS
Control Mode.
Selects I2C or SPI control mode for the Si5326.
0 = I2C Control Mode
1 = SPI Control Mode
GND PAD
GND
GND
Supply
Ground Pad.
The ground pad must provide a low thermal and electrical
impedance to a ground plane.
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5326 Register Map.


유사한 부품 번호 - SI5326B-B-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5326B-C-GM SILABS-Si5326B-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326B-C-GM SKYWORKS-SI5326B-C-GM Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

유사한 설명 - SI5326B-B-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com