전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

MHW9182CN 데이터시트(Datasheet) 5 Page - Freescale Semiconductor, Inc

부품명 MHW9182CN
상세내용  1000 MHz 19.4 dB GAIN 152-CHANNEL CATV AMPLIFIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo 

   
 5 page
background image
MHW9182CN
5
RF Device Data
Freescale Semiconductor
Information in this document is provided solely to enable system and software
implementers to use Freescale Semiconductor products. There are no express or
implied copyright licenses granted hereunder to design or fabricate any integrated
circuits or integrated circuits based on the information in this document.
Freescale Semiconductor reserves the right to make changes without further notice to
any products herein. Freescale Semiconductor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does
Freescale Semiconductor assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without
limitation consequential or incidental damages. “Typical” parameters that may be
provided in Freescale Semiconductor data sheets and/or specifications can and do
vary in different applications and actual performance may vary over time. All operating
parameters, including “Typicals”, must be validated for each customer application by
customer’s technical experts. Freescale Semiconductor does not convey any license
under its patent rights nor the rights of others. Freescale Semiconductor products are
not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life,
or for any other application in which the failure of the Freescale Semiconductor product
could create a situation where personal injury or death may occur. Should Buyer
purchase or use Freescale Semiconductor products for any such unintended or
unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that Freescale
Semiconductor was negligent regarding the design or manufacture of the part.
Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc.
All other product or service names are the property of their respective owners.
© Freescale Semiconductor, Inc. 2006. All rights reserved.
How to Reach Us:
Home Page:
www.freescale.com
E-mail:
support@freescale.com
USA/Europe or Locations Not Listed:
Freescale Semiconductor, Inc.
Technical Information Center, EL516
2100 East Elliot Road
Tempe, Arizona 85284
+1-800-521-6274 or +1-480-768-2130
www.freescale.com/support
Europe, Middle East, and Africa:
Freescale Halbleiter Deutschland GmbH
Technical Information Center
Schatzbogen 7
81829 Muenchen, Germany
+44 1296 380 456 (English)
+46 8 52200080 (English)
+49 89 92103 559 (German)
+33 1 69 35 48 48 (French)
www.freescale.com/support
Japan:
Freescale Semiconductor Japan Ltd.
Headquarters
ARCO Tower 15F
1-8-1, Shimo-Meguro, Meguro-ku,
Tokyo 153-0064
Japan
0120 191014 or +81 3 5437 9125
support.japan@freescale.com
Asia/Pacific:
Freescale Semiconductor Hong Kong Ltd.
Technical Information Center
2 Dai King Street
Tai Po Industrial Estate
Tai Po, N.T., Hong Kong
+800 2666 8080
support.asia@freescale.com
For Literature Requests Only:
Freescale Semiconductor Literature Distribution Center
P.O. Box 5405
Denver, Colorado 80217
1-800-441-2447 or 303-675-2140
Fax: 303-675-2150
LDCForFreescaleSemiconductor@hibbertgroup.com
Document Number: MHW9182CN
Rev. 4, 10/2006
RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical
characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further
information, see http://www.freescale.com or contact your Freescale sales representative.
For information on Freescale’s Environmental Products program, go to http://www.freescale.com/epp.




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
CGA-6618Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
CGB-1089Z50 - 1000 MHz Single Ended InGaP/GaAs HBT MMIC CATV Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
MMG1001NT1Gallium Arsenide CATV Integrated Amplifier Module 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC-7883870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER 1 2 3 4 5 MoreCalifornia Eastern Labs
MHW8242ANCATV Amplifier Module 1 2 3 4 Freescale Semiconductor, Inc
MHW1346CATV Amplifier Module 1 2 3 4 Freescale Semiconductor, Inc
XD010-04S-D4F350-600 MHz Class AB 10W Power Amplifier Module 1 2 3 4 5 SIRENZA MICRODEVICES
AD8330_06Low Cost DC to 150 MHz Variable Gain Amplifier 1 2 3 4 5 MoreAnalog Devices
BGY588C550 MHz 34.5 dB gain push-pull amplifier 1 2 3 4 5 MoreNXP Semiconductors
SDM-09060-B1F925-960 MHz Class AB 65W Power Amplifier Module 1 2 3 4 5 SIRENZA MICRODEVICES

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl