전자부품 데이터시트 검색엔진 |
|
UA78M00 데이터시트(PDF) 6 Page - Texas Instruments |
|
UA78M00 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 21 page www.ti.com Electrical Characteristics Electrical Characteristics µA78M00 SERIES POSITIVE-VOLTAGE REGULATORS SLVS059P – JUNE 1976 – REVISED OCTOBER 2005 at specified virtual junction temperature, V I = 10 V, IO = 350 mA, TJ = 25°C (unless otherwise noted) µA78M05I PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX 4.8 5 5.2 IO = 5 mA to 350 mA, Output voltage V VI = 7 V to 20 V TJ = –40°C to 125°C 4.75 5.25 VI = 7 V to 25 V 3 100 Input voltage regulation IO = 200 mA mV VI = 8 V to 25 V 1 50 IO = 100 mA, TJ = –40°C to 125°C 62 VI = 8 V to 18 V, Ripple rejection dB f = 120 Hz IO = 300 mA 62 80 IO = 5 mA to 500 mA 20 100 Output voltage regulation mV IO = 5 mA to 200 mA 10 50 Temperature coefficient IO = 5 mA, TJ = –40°C to 125°C –1 mV/ °C of output voltage Output noise voltage f = 10 Hz to 100 kHz 40 200 µV Dropout voltage 2 V Bias current 4.5 6 mA IO = 200 mA, VI = 8 V to 25 V, TJ = –40°C to 125°C 0.8 Bias current change mA IO = 5 mA to 350 mA, TJ = –40°C to 125°C 0.5 Short-circuit output current VI = 35 V 300 mA Peak output current 0.7 A (1) All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. at specified virtual junction temperature, V I = 11 V, IO = 350 mA, TJ = 25°C (unless otherwise noted) µA78M06C PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX 5.75 6 6.25 Output voltage IO = 5 mA to 350 mA, VI = 8 V to 21 V V TJ = 0°C to 125°C 5.7 6.3 VI = 8 V to 25 V 5 100 Input voltage regulation IO = 200 mA mV VI = 9 V to 25 V 1.5 50 IO = 100 mA, 59 TJ = 0°C to 125°C Ripple rejection VI = 8 V to 18 V, f = 120 Hz dB IO = 300 mA 59 80 IO = 5 mA to 500 mA 20 120 Output voltage regulation mV IO = 5 mA to 200 mA 10 60 Temperature coefficient IO = 5 mA, TJ = 0°C to 125°C –1 mV/ °C of output voltage Output noise voltage f = 10 Hz to 100 kHz 45 µV Dropout voltage 2 V Bias current 4.5 6 mA VI = 9 V to 25 V, IO = 200 mA, TJ = 0°C to 125°C 0.8 Bias current change mA IO = 5 mA to 350 mA, TJ = 0°C to 125°C 0.5 Short-circuit output current VI = 35 V 270 mA Peak output current 0.7 A (1) All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. 6 |
유사한 부품 번호 - UA78M00_07 |
|
유사한 설명 - UA78M00_07 |