전자부품 데이터시트 검색엔진 |
|
CD74HC147PWRG4 데이터시트(PDF) 4 Page - Texas Instruments |
|
CD74HC147PWRG4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 16 page 4 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC and GND 0 5.5 - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS I1, I2, I3, I6, I7 1.1 I4, I5, I8, I9 1.5 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Table, e.g., 360 µA max at 25oC. Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay, Input to Output (Figure 1) tPLH, tPHL CL = 50pF 2 - - 160 - 200 - 240 ns 4.5 - - 32 - 40 - 48 ns 5 - 13 - - - - - ns 6 - - 27 - 34 - 41 ns Transition Times (Figure 1) tTLH, tTHL CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Input Capacitance CIN - - - - 10 - 10 - 10 pF CD54HC147, CD74HC147, CD74HCT147 |
유사한 부품 번호 - CD74HC147PWRG4 |
|
유사한 설명 - CD74HC147PWRG4 |