전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2007 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TSC2007
상세설명  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSC2007 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TSC2007_1 Datasheet HTML 6Page - Texas Instruments TSC2007_1 Datasheet HTML 7Page - Texas Instruments TSC2007_1 Datasheet HTML 8Page - Texas Instruments TSC2007_1 Datasheet HTML 9Page - Texas Instruments TSC2007_1 Datasheet HTML 10Page - Texas Instruments TSC2007_1 Datasheet HTML 11Page - Texas Instruments TSC2007_1 Datasheet HTML 12Page - Texas Instruments TSC2007_1 Datasheet HTML 13Page - Texas Instruments TSC2007_1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
www.ti.com
Temperature( C)
°
-40
-20
6
4
2
0
-2
-4
-6
20
0
40
60
80
100
VDD=1.8V
Temperature( C)
°
-40
-20
6
4
2
0
-2
-4
-6
20
0
40
60
80
100
VDD=1.8V
11
10
9
8
7
6
5
4
3
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VDD(V)
Y+
X+
Y-
X-
-40
-20
0
20
40
60
80
100
Temperature(°C)
6
5
4
3
2
Y+
X+,Y+:VDD=3.0VtoPin
X-,Y-:PintoGND
Y-
X-
X+
-40
-20
0
20
40
60
80
100
Temperature(°C)
8
7
6
5
4
3
2
Y+
X+,Y+:VDD=1.8VtoPin
X ,Y :PintoGND
-
-
Y-
X-
X+
-40
-20
0
20
40
60
80
100
Temperature(°C)
850
800
750
700
650
600
550
500
450
400
VDD=1.8V
TEMP2
94.2mV
TEMP1
MeasurementIncludes
A/DConverterOffset
andGainErrors
137.5mV
TSC2007
SBAS405 – MARCH 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = –40°C to +85°C, VDD = +1.2V to +3.6V, PD1 = PD0 = 0, Fast mode, 12-bit mode, and non-continuous AUX
measurement, unless otherwise noted.
CHANGE IN GAIN
CHANGE IN OFFSET
vs TEMPERATURE
vs TEMPERATURE
Figure 8.
Figure 9.
SWITCH ON-RESISTANCE
SWITCH ON-RESISTANCE
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 10.
Figure 11.
SWITCH ON-RESISTANCE
TEMP DIODE VOLTAGE
vs TEMPERATURE
vs TEMPERATURE
Figure 12.
Figure 13.
10
Submit Documentation Feedback


유사한 부품 번호 - TSC2007_1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results

유사한 설명 - TSC2007_1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com