전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MF-2500FXE 데이터시트(PDF) 3 Page - Mitsubishi Electric Semiconductor

부품명 MF-2500FXE
상세설명  2.5Gbps SFP TRANSCEIVER MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-2500FXE 데이터시트(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF-2500FXE Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-2500FXE Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
UQ9-06-007
Ed:1.0
Date:10.Oct.2006
Page 3 of 16
MITSUBISHI (OPTICAL DEVICES)
MF-2500FXE Series
2.5Gbps SFP TRANSCEIVER MODULE
5. Electrical characteristics
All parameters are specified over the operating case temperature.
Measurement conditions are at 2.48832Gbps +/-20ppm, NRZ PN2
23-1 and 50%duty cycle data signal.
The DATA input/output signal interface is AC-coupled internally.
TX_DISABLE input signal level is LVTTL compatible. (With internally pull-up 4.7k to 10k
Ω)
TX_FAULT and LOS (Loss Of Signal) output are Open-Collector/drain, and the levels indicated assuming 4.7k
to 10k ohm pull up resistor to Host_Vcc is present.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
3.13
3.3
3.47
V
Power consumption
Pc
-
0.8
1.2
W
VIH
2.0
-
Vcc
V
TX_DISABLE Input voltage
VIL
0
-
0.8
V
VOH
2.0
-
Vcc
V
TX_FAULT Output voltage
VOL
0
-
0.5
V
VOH
2.0
-
Vcc
V
RX_LOS Output voltage
VOL
0
-
0.5
V
VOH
Vcc
× 0.8
-
Vcc
V
MOD_DEF[2] Output voltage
VOL
0
-
0.4
V
VIH
Vcc
× 0.7
-
Vcc
V
MOD_DEF[1], [2] Input voltage
VIL
0
-
Vcc
× 0.3
V
Input Amplitude, Differential
VT
500
-
2400
mVP-P
Input Impedance, Differential
RT
-
100
-
Ω
Output Amplitude, Differential
VO
370
-
1600
mVP-P
Output Impedance, Differential
RO
-
100
-
Ω
Data Output Rise/Fall Time
(20% to 80%)
Tr/Tf
-
-
150
ps
Electrical Input Data Return Loss
100MHz < f < 1.2GHz(Differential)
Rld1
12
-
-
dB
Electrical Input Data Return Loss
1.2GHz < f < 2.7GHz(Differential)
Rld2
8
-
-
dB


유사한 부품 번호 - MF-2500FXE

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD-M41ZB MITSUBISHI-MF-2500FXD-M41ZB Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD-M41ZC MITSUBISHI-MF-2500FXD-M41ZC Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

유사한 설명 - MF-2500FXE

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
Optoway Technology Inc
SPS-93160W-DXXG OPTOWAY-SPS-93160W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 160km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380W-DXXG OPTOWAY-SPS-9380W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350W-DXXG OPTOWAY-SPS-9350W-DXXG Datasheet
259Kb / 6P
   2.5Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120W-DXXG OPTOWAY-SPS-93120W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
List of Unclassifed Man...
AJ716B ETC2-AJ716B Datasheet
157Kb / 4P
   Compatible SFP Transceiver Module - 8GFC
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
   SONET/SDH 2.5Gbps Transport Terminating Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com