전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA2106SGC 데이터시트(PDF) 2 Page - Kingbright Corporation

부품명 APA2106SGC
상세설명  2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA2106SGC 데이터시트(HTML) 2 Page - Kingbright Corporation

  APA2106SGC Datasheet HTML 1Page - Kingbright Corporation APA2106SGC Datasheet HTML 2Page - Kingbright Corporation APA2106SGC Datasheet HTML 3Page - Kingbright Corporation APA2106SGC Datasheet HTML 4Page - Kingbright Corporation APA2106SGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1020
REV NO: V.6
DATE: JUN/28/2005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP: 1203000523
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
APA2106SGC
SUPER BRIGHT GREEN (GaP)
WATER CLEAR
4
15
120
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Green
565
nm
IF=20mA
λD
Dominant Wavelength
Super Bright Green
568
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Super Bright Green
30
nm
IF=20mA
C
Capacitance
Super Bright Green
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
Super Bright Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Green
10
uA
VR = 5V
Parameter
Super Bright Green
Units
Power dissipation
105
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


유사한 부품 번호 - APA2106SGC

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APA2106SEC KINGBRIGHT-APA2106SEC Datasheet
150Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SECK KINGBRIGHT-APA2106SECK Datasheet
276Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SRCPRV KINGBRIGHT-APA2106SRCPRV Datasheet
154Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SURC KINGBRIGHT-APA2106SURC Datasheet
147Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SURCK KINGBRIGHT-APA2106SURCK Datasheet
150Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results

유사한 설명 - APA2106SGC

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APA2106PBC-Z KINGBRIGHT-APA2106PBC-Z Datasheet
197Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZM2CR74W SUNLED-ZM2CR74W Datasheet
188Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106VGC KINGBRIGHT-APA2106VGC Datasheet
282Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZUY74W SUNLED-ZUY74W Datasheet
187Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZUR74W SUNLED-ZUR74W Datasheet
189Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106SYCK KINGBRIGHT-APA2106SYCK Datasheet
292Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZMDK74W SUNLED-ZMDK74W Datasheet
186Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106VGC-Z KINGBRIGHT-APA2106VGC-Z Datasheet
290Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SEC KINGBRIGHT-APA2106SEC Datasheet
150Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SYC KINGBRIGHT-APA2106SYC Datasheet
153Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106YC KINGBRIGHT-APA2106YC Datasheet
151Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com