전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7413ZUPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7413ZUPBF
상세설명  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7413ZUPBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRF7413ZUPBF Datasheet HTML 2Page - International Rectifier IRF7413ZUPBF Datasheet HTML 3Page - International Rectifier IRF7413ZUPBF Datasheet HTML 4Page - International Rectifier IRF7413ZUPBF Datasheet HTML 5Page - International Rectifier IRF7413ZUPBF Datasheet HTML 6Page - International Rectifier IRF7413ZUPBF Datasheet HTML 7Page - International Rectifier IRF7413ZUPBF Datasheet HTML 8Page - International Rectifier IRF7413ZUPBF Datasheet HTML 9Page - International Rectifier IRF7413ZUPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7379PbF
6
www.irf.com
Fig 13. Typical Transfer Characteristics
Fig 12. Typical Output Characteristics
Fig 11. Typical Output Characteristics
Fig 14. Typical Source-Drain Diode
Forward Voltage
P-Channel
1
10
100
0.1
1
10
100
DS
A
-V
, Drain-to-Source Voltage (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4.5V
20µs PULSE WIDTH
T = 25°C
J
1
10
100
0.1
1
10
100
DS
20µs PULSE WIDTH
T = 150°C
A
-V
, Drain-to-Source Voltage (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4.5V
J
1
10
100
45
67
89
10
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -15V
20µs PULSE WIDTH
DS
0.1
1
10
100
0.0
0.3
0.6
0.9
1.2
1.5
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)


유사한 부품 번호 - IRF7413ZUPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413ZUPBF IRF-IRF7413ZUPBF Datasheet
262Kb / 10P
   HEXFT Power MOSFET
More results

유사한 설명 - IRF7413ZUPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com