전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC146012 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc

부품명 MC146012
상세설명  Low Power CMOS Photoelectric Smoke Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC146012 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc

  MC146012_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC146012_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Sensors
Freescale Semiconductor
3
MC146012
This device contains protection circuitry to guard against
damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of
voltages any higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT
should be constrained to a range of VSS ≤ (VIN or
VOUT) ≤ VDD except for I/O pin which can exceed VDD, and
the Test/Mute input, which can go below VSS.
Unused inputs must always be tied to an appropriate logic
voltage level (e.g. either VSS or VDD). Unused outputs and/or
an unused I/O must be left open.
Table 1. Maximum Ratings(1) (Voltages Referenced to VSS)
1. Maximum ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in
the electrical characteristics tables.
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
-0.5 to +12
V
VIN
DC Input Voltage
C1, C2, Detect
Osc, Low-Supply Trip
I/O
Feedback
Test
-0.25 to VDD +0.25
-0.25 to VDD +0.25
-0.25 to VDD +10
-15 to +25
-1.0 to VDD +0.25
V
IIN
DC Input Current, per Pin
±10
mA
IOUT
DC Output Current, per Pin
±25
mA
IDD
DC Supply Current, VDD/VSS pins
(15 Seconds in Reverse Dir.)
+25 Forward
-150 Reverse
mA
PD
Power Dissipation
† in Stil Air, 5 sec.
†† Continuous
1200(2)
350(3)
2. Derating: -12 mW/°C from 25°C to 60°C.
3. Derating: -3.5 mW/°C from 25°C to 60°C.
mW
Tstg
Storage Temperature
-55 to +125
°C
TA
Operating Temperature
-25 to +75
°C
TL
Lead Temperature, 1 mm from case for 10 seconds
260
°C
Table 2. Electrical Characteristics (Voltages Referenced to VSS, TA = -10 to 60°C unless otherwise indicated.)
Symbol
Parameter
Test Condition
Test
Pin
VDD
Min
Max
Unit
VDD
Power Supply Voltage Range
6.0
12
V
VTH
Supply Threshold Voltage, Low Supply Alarm
Low Supply Trip: VIN = VDD/3
15
7.2
7.8
V
IDD
Average Operating Supply Current
(per Package)
(Does not include Current through D3-IR Emitter)
Standby
Configured per Figure 5
12
9.0
9.0
7.0
µA
IDD
Peak Supply Current (per Package)
(Does not include IRED Current into base of Q1)
During Strobe On, IRED Off
Configured per Figure 5
During Strobe On, IRED On
Configured per Figure 5
12
12
1.25
2.5
mA
VIL
Low Level Input Voltage
I/O
Feedback
Test
7.0
10
16
9.0
9.0
9.0
1.5
2.7
0.5
V
VIM
Mid Level Input Voltage
Test
16
9.0
2.0
VDD-2.0
V
VIH
High Level Input Voltage
I/O
Feedback
Test
7.0
10
16
9.0
9.0
9.0
3.2
6.3
8.5
V
IIN
Input Current
OSC, Detect
Low-Supply Trip
Feedback
Test
VIN = VSS or VDD
VIN = VSS or VDD
VIN = VSS or VDD
VIN = VSS or VDD
3.12
15
10
16
12
12
12
12
-100
-100
-100
-100
+100
+100
+100
+100
nA
IIL
Test Mode Input Current
VIN = VSS or VDD
16
12
-100
-1.0
µA


유사한 부품 번호 - MC146012_07

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC146012ED FREESCALE-MC146012ED Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146012EG FREESCALE-MC146012EG Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
More results

유사한 설명 - MC146012_07

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com