전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTC2012SYCK 데이터시트(PDF) 4 Page - Kingbright Corporation

부품명 APTC2012SYCK
상세설명  2.0 x1.25mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTC2012SYCK 데이터시트(HTML) 4 Page - Kingbright Corporation

  APTC2012SYCK Datasheet HTML 1Page - Kingbright Corporation APTC2012SYCK Datasheet HTML 2Page - Kingbright Corporation APTC2012SYCK Datasheet HTML 3Page - Kingbright Corporation APTC2012SYCK Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAD0958
REV NO: V.1
DATE: MAR/22/2003
PAGE: 4 OF 4
APPROVED : J. Lu
CHECKED :Allen Liu
DRAWN: S.J.HOU
Recommended Soldering Pattern
(Units : mm)
Tape Specifications
(Units : mm)
APTC2012SYCK
SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling
process to normal temperature is required between first and
second soldering process.


유사한 부품 번호 - APTC2012SYCK

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APTC2012SYC KINGBRIGHT-APTC2012SYC Datasheet
102Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
More results

유사한 설명 - APTC2012SYCK

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APTC2012SURC KINGBRIGHT-APTC2012SURC Datasheet
102Kb / 4P
   2.0 x1.25mm SMD CHIP LED LAMP
APTC2012SECK KINGBRIGHT-APTC2012SECK Datasheet
102Kb / 4P
   2.0 x1.25mm SMD CHIP LED LAMP
APTC2012YC KINGBRIGHT-APTC2012YC Datasheet
101Kb / 4P
   2.0 x1.25mm SMD CHIP LED LAMP
AP2012SGC KINGBRIGHT-AP2012SGC Datasheet
92Kb / 4P
   2.0 X 1.2MM SMD CHIP LED LAMP
KPT-2012SURC KINGBRIGHT-KPT-2012SURC Datasheet
101Kb / 4P
   2.0 횞 1.2mm SMD CHIP LED LAMP
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHBM2012LVBDSEKJ3C TO-GRACE-APHBM2012LVBDSEKJ3C Datasheet
919Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com