전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q20K210 데이터시트(PDF) 2 Page - EPCOS

부품명 Q20K210
상세설명  Leaded Varistors EnergetiQ Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

Q20K210 데이터시트(HTML) 2 Page - EPCOS

  Q20K210 Datasheet HTML 1Page - EPCOS Q20K210 Datasheet HTML 2Page - EPCOS Q20K210 Datasheet HTML 3Page - EPCOS Q20K210 Datasheet HTML 4Page - EPCOS Q20K210 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
190 04/02
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
Q14K130
B72214Q0131K101
130
170
8000
75
0,80
Q14K140
B72214Q0141K101
140
180
8000
80
0,80
Q14K150
B72214Q0151K101
150
200
8000
85
0,80
Q14K175
B72214Q0171K101
175
225
8000
100
0,80
Q14K210
B72214Q0211K101
210
270
8000
115
0,80
Q14K230
B72214Q0231K101
230
300
8000
130
0,80
Q14K250
B72214Q0251K101
250
320
8000
140
0,80
Q14K275
B72214Q0271K101
275
350
8000
150
0,80
Q14K300
B72214Q0301K101
300
385
8000
175
0,80
Q14K320
B72214Q0321K101
320
420
8000
185
0,80
Q20K130
B72220Q0131K101
130
170
15000
100
1,20
Q20K140
B72220Q0141K101
140
180
15000
110
1,20
Q20K150
B72220Q0151K101
150
200
15000
120
1,20
Q20K175
B72220Q0171K101
175
225
15000
135
1,20
Q20K210
B72220Q0211K101
210
270
15000
165
1,20
Q20K230
B72220Q0231K101
230
300
15000
180
1,20
Q20K250
B72220Q0251K101
250
320
15000
195
1,20
Q20K275
B72220Q0271K101
275
350
15000
215
1,20
Q20K300
B72220Q0301K101
300
385
15000
235
1,20
Q20K320
B72220Q0321K101
320
420
15000
255
1,20
EnergetiQ Series
Leaded Varistors


유사한 부품 번호 - Q20K210

제조업체부품명데이터시트상세설명
logo
XP Power Limited
Q20 XPPOWER-Q20 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Banner Engineering Corp...
Q20 BANNER-Q20 Datasheet
476Kb / 8P
   Q20 Series Sensor
logo
Powerbox
Q20-5 POWERBOX-Q20-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Jauch Quartz Gmbh
Q20.0-JO22H-D-1.8-1 JAUCH-Q20.0-JO22H-D-1.8-1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
Q20.0-JO22H-D-1.8-1-T1 JAUCH-Q20.0-JO22H-D-1.8-1-T1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
More results

유사한 설명 - Q20K210

제조업체부품명데이터시트상세설명
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
   Leaded varistors, StandarD series
B72220S3111K101 EPCOS-B72220S3111K101 Datasheet
80Kb / 4P
   Leaded Varistors SuperioR Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
   Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com