전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B43514 데이터시트(PDF) 5 Page - EPCOS

부품명 B43514
상세설명  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B43514 데이터시트(HTML) 5 Page - EPCOS

  B43514 Datasheet HTML 1Page - EPCOS B43514 Datasheet HTML 2Page - EPCOS B43514 Datasheet HTML 3Page - EPCOS B43514 Datasheet HTML 4Page - EPCOS B43514 Datasheet HTML 5Page - EPCOS B43514 Datasheet HTML 6Page - EPCOS B43514 Datasheet HTML 7Page - EPCOS B43514 Datasheet HTML 8Page - EPCOS B43514 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
201 10/02
Wide Temperature Range 105 °C
B43514 / B43524
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
UR (VDC)
350
400
420
450
CR (µF)
Case dimensions
d
× l (mm)
330
35
× 50
40
× 40
390
35
× 50
35
× 50
40
× 40
35
× 60
40
× 50
470
35
× 50
35
× 60
40
× 50
45
× 40
35
× 60
40
× 50
35
× 70
40
× 60
45
× 50
560
35
× 60
40
× 50
35
× 70
40
× 50
35
× 70
40
× 50
35
× 80
40
× 60
45
× 50
680
35
× 70
40
× 50
35
× 80
40
× 60
45
× 50
35
× 80
40
× 60
45
× 50
40
× 70
45
× 60
820
35
× 80
40
× 60
40
× 70
45
× 60
40
× 70
45
× 60
1 000
40
× 70
45
× 60
35
× 100
40
× 80
45
× 70
40
× 80
45
× 70
40
× 100
45
× 80
1 200
45
× 100
1 500
40
× 100
45
× 80
45
× 100
45
× 100
2 200
45
× 100


유사한 부품 번호 - B43514

제조업체부품명데이터시트상세설명
logo
EPCOS
B43514 EPCOS-B43514 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
839Kb / 19P
   Aluminum electrolytic capacitors
B43514A0188M087 EPCOS-B43514A0188M087 Datasheet
839Kb / 19P
   Aluminum electrolytic capacitors
B43514A4188M087 EPCOS-B43514A4188M087 Datasheet
839Kb / 19P
   Aluminum electrolytic capacitors
B43514A4228M000 EPCOS-B43514A4228M000 Datasheet
839Kb / 19P
   Aluminum electrolytic capacitors
More results

유사한 설명 - B43514

제조업체부품명데이터시트상세설명
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com