전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8148 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8148
상세설명  Triple Differential Driver for Wideband Video
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8148 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8148 Datasheet HTML 6Page - Analog Devices AD8148 Datasheet HTML 7Page - Analog Devices AD8148 Datasheet HTML 8Page - Analog Devices AD8148 Datasheet HTML 9Page - Analog Devices AD8148 Datasheet HTML 10Page - Analog Devices AD8148 Datasheet HTML 11Page - Analog Devices AD8148 Datasheet HTML 12Page - Analog Devices AD8148 Datasheet HTML 13Page - Analog Devices AD8148 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5V; VOCM = 0 V (AD8146); SYNC LEVEL = 0 V (AD8147/AD8148); T = 25°C; RL, dm = 200 Ω; CL, dm = 0 pF, unless otherwise noted.
TMIN to TMAX = −40°C to +85°C.
9
–1
10
1000
FREQUENCY (MHz)
100
8
7
6
5
4
3
2
1
0
VOUT, dm = 2V p-p
AD8146 (±2.5V)
AD8146 (±5.0V)
AD8147 (±2.5V)
AD8147 (±5.0V)
Figure 6. AD8146/AD8147 Large Signal Frequency Response for Various Supplies
9
–1
10
1000
FREQUENCY (MHz)
100
8
7
6
5
4
3
2
1
0
VOUT, dm = 0.2V p-p
AD8146 (±2.5V)
AD8146 (±5.0V)
AD8147 (±2.5V)
AD8147 (±5.0V)
Figure 7. AD8146/AD8147 Small Signal Frequency Response for Various Supplies
6.5
5.5
1
1000
FREQUENCY (MHz)
VOUT, dm = 2V p-p
AD8146 (±2.5V)
AD8146 (±5.0V)
AD8147 (±2.5V)
AD8147 (±5.0V)
10
100
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
Figure 8. AD8146/AD8147 Large Signal 0.1 dB Flatness for Various Supplies
15
5
10
1000
FREQUENCY (MHz)
100
14
13
12
11
10
9
8
7
6
VOUT, dm = 2V p-p
±5.0V
±2.5V
Figure 9. AD8148 Large Signal Frequency Response for Various Supplies
15
5
10
1000
FREQUENCY (MHz)
100
14
13
12
11
10
9
8
7
6
VOUT, dm = 0.2V p-p
±2.5V
±5.0V
Figure 10. AD8148 Small Signal Frequency Response for Various Supplies
12.5
11.5
1
1000
FREQUENCY (MHz)
10
100
12.4
12.3
12.2
12.1
12.0
11.9
11.8
11.7
11.6
±5.0V
±2.5V
VOUT, dm = 2V p-p
Figure 11. AD8148 Large Signal 0.1 dB Flatness for Various Supplies


유사한 부품 번호 - AD8148

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8148 AD-AD8148_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
More results

유사한 설명 - AD8148

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
AD8148 AD-AD8148_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com