전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7367BRUZ-RL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7367BRUZ-RL7
상세설명  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7367BRUZ-RL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7367BRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 9Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 10Page - Analog Devices AD7367BRUZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 7 of 28
TIMING SPECIFICATIONS
AVCC = DVCC = 4.75 V to 5.25 V, VDD = 11.5 V to 16.5 V, VSS = −16.5 V to −11.5 V, VDRIVE = 2.7 V to 5.25 V, TA = TMIN to TMAX, unless
otherwise noted.1
Table 4.
Limit at TMIN, TMAX
Parameter
2.7 V ≤ VDRIVE < 4.75 V
4.75 V ≤ VDRIVE ≤ 5.25 V
Unit
Test Conditions/Comments
tCONVERT
Conversion time, internal clock. CONVST falling edge to
BUSY falling edge
680
680
ns max
For the AD7367
610
610
ns max
For the AD7366
fSCLK
10
10
kHz min
Frequency of serial read clock
35
48
MHz max
tQUIET
30
30
ns min
Minimum quiet time required between the end of serial
read and the start of the next conversion
t1
10
10
ns min
Minimum CONVST low pulse
t2
40
40
ns min
CONVST falling edge to BUSY rising edge
t3
0
0
ns min
BUSY falling edge to MSB valid once CS is low for t4 prior to
BUSY going low
t4
10
10
ns max
Delay from CS falling edge until Pin 1 (DOUTA) and Pin 23
(DOUTB) are three-state disabled
t52
20
14
ns max
Data access time after SCLK falling edge
t6
7
7
ns min
SCLK to data valid hold time
t7
0.3 × tSCLK
0.3 × tSCLK
ns min
SCLK low pulse width
t8
0.3 × tSCLK
0.3 × tSCLK
ns min
SCLK high pulse width
t9
10
10
ns max
CS rising edge to DOUTA, DOUTB, high impedance
tPOWER-UP
70
70
μs
Power up time from shutdown mode; time required
between CONVST rising edge and CONVST falling edge
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used. See the
Terminology section and Figure 25.
2 The time required for the output to cross is 0.4 V or 2.4 V.


유사한 부품 번호 - AD7367BRUZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

유사한 설명 - AD7367BRUZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com