전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8212 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8212
상세설명  High Voltage Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8212 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8212 Datasheet HTML 6Page - Analog Devices AD8212 Datasheet HTML 7Page - Analog Devices AD8212 Datasheet HTML 8Page - Analog Devices AD8212 Datasheet HTML 9Page - Analog Devices AD8212 Datasheet HTML 10Page - Analog Devices AD8212 Datasheet HTML 11Page - Analog Devices AD8212 Datasheet HTML 12Page - Analog Devices AD8212 Datasheet HTML 13Page - Analog Devices AD8212 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8212
Rev. 0 | Page 10 of 16
HIGH VOLTAGE OPERATION USING AN EXTERNAL
PNP TRANSISTOR
The AD8212 offers features that simplify measuring current in
the presence of common-mode voltages greater than 65 V. This
is achieved by connecting an external PNP transistor at the
output of the AD8212 as shown in Figure 23. The VCE break-
down voltage of this PNP becomes the operating common-mode
range of the AD8212. PNP transistors with breakdown voltages
exceeding 300 V, are readily available, inexpensive, and available
in small packages.
ROUT
Q2
AD8212
BATTERY
RSHUNT
1
8
5
2
3
OUTPUT
CURRENT
COMPENSATION
BIAS
CIRCUIT
R1
R2
A1
Q1
VOUT
RBIAS
6
Figure 23. High Voltage Operation Using External PNP
The AD8212 features an integrated 5 V series regulator. This
regulator ensures that at all times COM (Pin 2), which is the
most negative of all the terminals, is always 5 V less than the
supply voltage (V+). Assuming a battery voltage (V+) of 100 V,
it follows that the voltage at COM (Pin 2) is
(V+) – 5 V = 95 V
The base emitter junction of Transistor Q2, in addition to the
Vbe of one internal transistor, makes the collector of Transistor Q1
approximately equal to
95 V + 2(Vbe(Q2)) = 95 V + 1.2 V = 96.2 V
This voltage appears across external Transistor Q2. The voltage
across Transistor Q1 is
100 V – 96.2 V = 3.8 V
In this manner, Transistor Q2 withstands 95.6 V and the
internal Transistor Q1 is only subjected to voltages well below
its breakdown capability.
In this mode of operation, the supply current (IBIAS) of the
AD8212 circuit increases based on the supply range and the
RBIAS resistor chosen. For example:
if
V+ = 500 V and RBIAS = 500 kΩ
IBIAS = (V+ − 5 V)/RBIAS
then,
IBIAS = (500 – 5)/500 kΩ = 990 μA
In high voltage operation, it is recommended that IBIAS remain
within 200 μA to 1 mA. This ensures that the bias circuit is
turned on, allowing the device to function as expected. At the
same time, the current through the bias circuit/regulator is
limited to 1 mA. Refer to Figure 19 and Figure 21 for IBIAS and
V+ information when using the AD8212 in a high voltage
configuration.
When operating the AD8212, as depicted in Figure 23,
Transistor Q2 can be a FET or a bipolar PNP transistor. The
latter is much less expensive, however the magnitude of IOUT
conducted to the output resistor (ROUT) is reduced by the
amount of current lost through the base of the PNP. This leads
to an error in the output voltage reading.
The AD8212 includes an integrated patented circuit, which
compensates for the output current that is lost through the base
of the external PNP transistor. This ensures that the correct
transconductance of the amplifier is maintained. The user can
opt for an inexpensive bipolar PNP, instead of a FET, while
maintaining a comparable level of accuracy.
OUTPUT CURRENT COMPENSATION CIRCUIT
The base of the external PNP, Q2, is connected to ALPHA
(Pin 6) of the AD8212. The current flowing in this path is
mirrored inside the current compensation circuit. This
current then flows in Resistor R2, which is the same value
as Resistor R1. The voltage created by this current across
Resistor R2, displaces the noninverting input of Amplifier A1
by the corresponding voltage. Amplifier A1 responds by driving
the base of Transistor Q1 so as to force a similar voltage
displacement across Resistor R1, thereby increasing IOUT.
Since the current generated by the output compensation circuit
is equal to the base current of Transistor Q2, and the resulting
displacements across Resistor R1 and Resistor R2 result in equal
currents, the increment of current added to the output current
is equivalent to the base current of Transistor Q2. Therefore, the
integrated output current compensation circuit has corrected
IOUT such that no error results from the base current lost at
Transistor Q2.
This feature of the AD8212 greatly improves IOUT accuracy and
allows the user to choose an inexpensive bipolar PNP (with low
beta) with which to monitor current in the presence of high
voltages (typically several hundred volts).


유사한 부품 번호 - AD8212

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8212 AD-AD8212 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8212 AD-AD8212 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8212 AD-AD8212 Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
More results

유사한 설명 - AD8212

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211 Datasheet
332Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8213 AD-AD8213 Datasheet
460Kb / 16P
   Dual, High Voltage Current Shunt Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com