전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AD8251_07 데이터시트(Datasheet) 21 Page - Analog Devices

부품명 AD8251_07
상세내용  10 MHz, 20 V/μs, G = 1, 2, 4, 8 i CMOS® Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

 
 21 page
background image
AD8251
Rev. 0 | Page 21 of 24
APPLICATIONS
DIFFERENTIAL OUTPUT
In certain applications, it is necessary to create a differential
signal. High resolution analog-to-digital converters often
require a differential input. In other cases, transmission over
a long distance can require differential signals for better
immunity to interference.
Figure 59 shows how to configure the AD8251 to output a
differential signal. An op amp, the AD817, is used in an
inverting topology to create a differential voltage. VREF sets the
output midpoint according to the equation shown in the figure.
Errors from the op amp are common to both outputs and are
thus common mode. Likewise, errors from using mismatched
resistors cause a common-mode dc offset error. Such errors are
rejected in differential signal processing by differential input
ADCs or instrumentation amplifiers.
When using this circuit to drive a differential ADC, VREF can be
set using a resistor divider from the ADC reference to make the
output ratiometric with the ADC.
SETTING GAINS WITH A MICROCONTROLLER
+15V
MICRO-
CONTROLLER
–15V
A0
A1
WR
+IN
–IN
10μF0.1µF
10μF0.1µF
REF
AD8251
+
DGND
DGND
Figure 58. Programming Gain Using a Microcontroller
+12V
–12V
A0
A1
WR
+IN
10μF
0.1μF
10μF
0.1μF
AD8251
REF
G = 1
0.1µF
4.99kΩ
4.99kΩ
AD817
0.1µF
+12V
–12V
VREF
0V
VOUTA = VIN + VREF
2
2
VOUTB = –VIN + VREF
+2.5V
–2.5V
0V
+2.5V
–2.5V
0V
TIME
AMPLITUDE
0V
TIME
AMPLITUDE
+5V
–5V
AMPLITUDE
10pF
+12V
–12V
VIN
+
+
DGND
DGND
Figure 59. Differential Output with Level Shift




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AD825112MHz 20V/us G=1 2 4 8 Programmable Gain iCMOS Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
MHW9182CN1000 MHz 19.4 dB GAIN 152-CHANNEL CATV AMPLIFIER MODULE 1 2 3 4 5 Freescale Semiconductor, Inc
P1935Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz 1 2 3 4 5 PREMIER DEVICES, INC.
HFA1412_06Quad 350MHz Low Power Programmable Gain Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
AD603_05Low Noise 90 MHz Variable Gain Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8231Zero Drift Digitally Programmable Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
AD628_06High Common-Mode Voltage Programmable Gain Difference Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8231_07Zero Drift Digital Programmable Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
BGY588C550 MHz 34.5 dB gain push-pull amplifier 1 2 3 4 5 MoreNXP Semiconductors
AD8330_06Low Cost DC to 150 MHz Variable Gain Amplifier 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl