전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDZ7.5B 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 PDZ7.5B
상세설명  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ7.5B 데이터시트(HTML) 2 Page - NXP Semiconductors

  PDZ7.5B Datasheet HTML 1Page - NXP Semiconductors PDZ7.5B Datasheet HTML 2Page - NXP Semiconductors PDZ7.5B Datasheet HTML 3Page - NXP Semiconductors PDZ7.5B Datasheet HTML 4Page - NXP Semiconductors PDZ7.5B Datasheet HTML 5Page - NXP Semiconductors PDZ7.5B Datasheet HTML 6Page - NXP Semiconductors PDZ7.5B Datasheet HTML 7Page - NXP Semiconductors PDZ7.5B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Apr 23
2
Philips Semiconductors
Product specification
Voltage regulator diodes
PDZ-B series
FEATURES
• Total power dissipation:
max. 400 mW
• Small plastic package suitable for
surface mounted design
• Wide variety of voltage ranges:
nom. 2.4 to 36 V (E24 range).
APPLICATIONS
• General voltage regulation.
DESCRIPTION
Low-power general purpose voltage
regulator diodes in a small plastic
SMD SOD323 package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline (SOD323) and symbol.
handbook, halfpage
,

12
Top view
MAM387
MARKING
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board measuring 11
× 25 × 1.6 mm.
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
PDZ2.4B
Z0
PDZ5.1B
Z8
PDZ11B
ZG
PDZ24B
ZQ
PDZ2.7B
Z1
PDZ5.6B
Z9
PDZ12B
ZH
PDZ27B
ZR
PDZ3.0B
Z2
PDZ6.2B
ZA
PDZ13B
ZJ
PDZ30B
ZS
PDZ3.3B
Z3
PDZ6.8B
ZB
PDZ15B
ZK
PDZ33B
ZT
PDZ3.6B
Z4
PDZ7.5B
ZC
PDZ16B
ZL
PDZ36B
ZU
PDZ3.9B
Z5
PDZ8.2B
ZD
PDZ18B
ZM
PDZ4.3B
Z6
PDZ9.1B
ZE
PDZ20B
ZN
PDZ4.7B
Z7
PDZ10B
ZF
PDZ22B
ZP
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
200
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tamb =25 °C prior to surge
see Table 2
Ptot
total power dissipation
Tamb =25 °C; note 1; see Fig.2
400
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C


유사한 부품 번호 - PDZ7.5B

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
PDZ7.5B PANJIT-PDZ7.5B Datasheet
117Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
PDZ7.5B PANJIT-PDZ7.5B Datasheet
294Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ7.5B PHILIPS-PDZ7.5B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
PDZ7.5B NXP-PDZ7.5B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ7.5B NEXPERIA-PDZ7.5B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
More results

유사한 설명 - PDZ7.5B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com