전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP3193A 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADP3193A
상세설명  8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP3193A 데이터시트(HTML) 4 Page - Analog Devices

  ADP3193A Datasheet HTML 1Page - Analog Devices ADP3193A Datasheet HTML 2Page - Analog Devices ADP3193A Datasheet HTML 3Page - Analog Devices ADP3193A Datasheet HTML 4Page - Analog Devices ADP3193A Datasheet HTML 5Page - Analog Devices ADP3193A Datasheet HTML 6Page - Analog Devices ADP3193A Datasheet HTML 7Page - Analog Devices ADP3193A Datasheet HTML 8Page - Analog Devices ADP3193A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP3193A
Rev. 0 | Page 4 of 32
Symbol
Conditions
Min
Typ
Max
Unit
Parameter
CURRENT LIMIT COMPARATOR
ILIMIT Bias Current
IILIMIT
IILIMIT = 2/3 × IIREF
9
10
11
μA
ILIMIT Voltage
VILIMIT
RILIMIT = 121 kΩ (VILIMIT = (IILIMIT × RILIMIT))
1.09
1.21
1.33
V
Maximum Output Voltage
3
V
Current-Limit Threshold Voltage
VCL
VCSREF − VCSCOMP, RILIMIT = 121 kΩ
80
100
125
mV
Current-Limit Setting Ratio
VCL/VILIMIT
82.6
mV/V
DELAY TIMER
Normal Mode Output Current
IDELAY
IDELAY = IIREF
12
15
18
μA
Output Current in Current Limit
IDELAY(CL)
IDELAY(CL) = 0.25 × IIREF
3.0
3.75
4.5
μA
Threshold Voltage
VDELAY(TH)
1.6
1.7
1.8
V
SOFT START
Output Current
ISS
During startup, ISS = IIREF
12
15
18
μA
ENABLE INPUT
Threshold Voltage
VTH(EN)
800
850
900
mV
Hysteresis
VHYS(EN)
80
100
125
mV
Input Current
IIN(EN)
−1
μA
Delay Time
tDELAY(EN)
EN > 950 mV, CDELAY = 10 nF
2
ms
OD OUTPUT
Output Low Voltage
VOL(
OD)
160
500
mV
Output High Voltage
VOH(
OD)
4
5
V
POWER-GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
−400
−350
−300
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
100
150
200
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = −4 mA
150
300
mV
Power-Good Delay Time
During Soft Start2
CDELAY = 10 nF
2
ms
VID Code Changing
100
250
μs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to nominal DAC output
100
150
200
mV
Crowbar Reset Point
Relative to FBRTN
320
375
430
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
100
250
μs
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = −400 μA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = 400 μA
4.0
5
V
SUPPLY
VSYSTEM = 12 V, RSHUNT = 340 Ω (see Figure 4)
VCC2
VCC
4.65
5
5.55
V
DC Supply Current
IVCC
VSYSTEM = 13.2 V, RSHUNT = 340 Ω
25
mA
UVLO Turn-On Current
6.5
11
mA
UVLO Threshold Voltage
VUVLO
VCC rising
9
V
UVLO Turn-Off Voltage
VCC falling
4.1
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 Guaranteed by design or bench characterization, not tested in production.


유사한 부품 번호 - ADP3193A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3193AJCPZ-RL ONSEMI-ADP3193AJCPZ-RL Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
More results

유사한 설명 - ADP3193A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com