전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2306CPZ-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 SSM2306CPZ-REEL
상세설명  2 W, Filterless, Class-D Stereo Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2306CPZ-REEL 데이터시트(HTML) 7 Page - Analog Devices

Back Button SSM2306CPZ-REEL Datasheet HTML 3Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 4Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 5Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 6Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 7Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 8Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 9Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 10Page - Analog Devices SSM2306CPZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SSM2306
Rev. 0 | Page 7 of 16
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
AV = 18dB
RL = 8Ω, 33µH
0.5W
0.125W
0.25W
Figure 9. THD + N vs. Frequency, VDD = 3.6 V, RL = 8 Ω, AV = 18 dB
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
AV = 18dB
RL = 4Ω, 33µH
0.25W
1W
0.5W
Figure 10. THD + N vs. Frequency, VDD = 3.6 V, RL = 4 Ω, AV = 18 dB
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 2.5V
AV = 18dB
RL = 8Ω, 33µH
0.075W
0.25W
0.125W
Figure 11. THD + N vs. Frequency, VDD = 2.5 V, RL = 8 Ω, AV = 18 dB
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 2.5V
AV = 18dB
RL = 4Ω, 33µH
0.125W
0.5W
0.25W
Figure 12. THD + N vs. Frequency, VDD = 2.5 V, RL = 4 Ω, AV = 18 dB
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
ISY FOR BOTH CHANNELS
RL = 8Ω, 33µH
RL = 4Ω, 33µH
NO LOAD
Figure 13. Supply Current vs. Supply Voltage, No Load
0
2
4
6
8
10
12
0
0.10.20.30.40.50.60.70.8
SHUTDOWN VOLTAGE (V)
VDD = 5V
VDD = 2.5V
VDD = 3.6V
Figure 14. Supply Current vs. Shutdown Voltage


유사한 부품 번호 - SSM2306CPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2306CPZ-REEL AD-SSM2306CPZ-REEL Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
SSM2306CPZ-REEL7 AD-SSM2306CPZ-REEL7 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
More results

유사한 설명 - SSM2306CPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
   2 횞10 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
   Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com