전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDZ20B 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 PDZ20B
상세설명  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ20B 데이터시트(HTML) 3 Page - NXP Semiconductors

  PDZ20B Datasheet HTML 1Page - NXP Semiconductors PDZ20B Datasheet HTML 2Page - NXP Semiconductors PDZ20B Datasheet HTML 3Page - NXP Semiconductors PDZ20B Datasheet HTML 4Page - NXP Semiconductors PDZ20B Datasheet HTML 5Page - NXP Semiconductors PDZ20B Datasheet HTML 6Page - NXP Semiconductors PDZ20B Datasheet HTML 7Page - NXP Semiconductors PDZ20B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Apr 23
3
Philips Semiconductors
Product specification
Voltage regulator diodes
PDZ-B series
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board measuring 11
× 25 × 1.6 mm.
ELECTRICAL CHARACTERISTICS
Table 1
Total series
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
130
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
340
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.3
0.9
V
IF = 100 mA; see Fig.3
1.1
V
IR
reverse current
PDZ2.4B
VR =1V
50
µA
PDZ2.7B
VR =1V
20
µA
PDZ3.0B
VR =1V
10
µA
PDZ3.3B
VR =1V
5
µA
PDZ3.6B
VR =1V
5
µA
PDZ3.9B
VR =1V
3
µA
PDZ4.3B
VR =1V
3
µA
PDZ4.7B
VR =1V
2
µA
PDZ5.1B
VR = 1.5 V
2
µA
PDZ5.6B
VR = 2.5 V
1
µA
PDZ6.2B
VR = 3 V
500
nA
PDZ6.8B
VR = 3.5 V
500
nA
PDZ7.5B
VR = 4 V
500
nA
PDZ8.2B
VR = 5 V
500
nA
PDZ9.1B
VR = 6 V
500
nA
PDZ10B
VR = 7 V
100
nA
PDZ11B
VR = 8 V
100
nA
PDZ12B
VR = 9 V
100
nA
PDZ13B
VR = 10 V
100
nA
PDZ15B
VR = 11 V
50
nA
PDZ16B
VR = 12 V
50
nA
PDZ18B
VR = 13 V
50
nA
PDZ20B
VR = 15 V
50
nA
PDZ22B
VR = 17 V
50
nA
PDZ24B
VR = 19 V
50
nA
PDZ27B
VR = 21 V
50
nA
PDZ30B
VR = 23 V
50
nA
PDZ33B
VR = 25 V
50
nA
PDZ36B
VR = 27 V
50
nA


유사한 부품 번호 - PDZ20B

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
PDZ20B PANJIT-PDZ20B Datasheet
117Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
PDZ20B PANJIT-PDZ20B Datasheet
294Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ20B PHILIPS-PDZ20B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
PDZ20B NXP-PDZ20B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ20B NEXPERIA-PDZ20B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
More results

유사한 설명 - PDZ20B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com