전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTR10_1 데이터시트(Datasheet) 5 Page - Rohm

부품명 KTR10_1
상세내용  Endured high voltage fixed thick film chip resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo 

   
 5 page
background image
KTR10
Resistors
Rev.B
5/6
−500
−400
−300
−200
−100
0
100
200
300
500
400
RESISTANCE
(
Ω)
Fig.8 Variation resistance with
temperature (F class)
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
RESISTANCE
(
Ω)
Fig.9 Overload
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 4.13
SAMPLE SIZE : n
=10pcs
RATED VOLTAGE
×2.5
TIMES : 2s
MAXIMUM OVERLOAD VOLTAGE : 600V
−4.0
−5.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
RESISTANCE
(
Ω)
Fig.10 Solderability
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 4.17
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 235
°C 2s
20
30
40
50
60
70
80
90
100
RESISTANCE
(
Ω)
Fig.11 Resistance to soldering heat
JIS C 5201-1 SEC 4.18
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 260
°C 10s
10
100
1k
10k
100k
1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
RESISTANCE
(
Ω)
Fig.12 Rapid change of
temperature
JIS C 5201-1 SEC 4.19
SAMPLE SIZE : n
=10pcs
−55°C / 125°C 1000cyc
10
100
1k
10k
100k
1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.13 Damp heat, steady state
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.14 Endurance at 70
°C
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.25.1
SAMPLE SIZE : n
=10pcs
70
°C 1,000h
THE RATED VOLTAGE 1.5h on, 0.5h off
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.15 Endurance
10
100
1k
10k 100k 1M 10M
JIS C 5201-1 SEC 4.25.3
SAMPLE SIZE : n
=10pcs
155
°C WITH NO LOAD 1,000h
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
Fig.16 Component solvent resistance
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.29
SAMPLE SIZE : n
=10pcs
IPA, 5min.




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
KD3002-DF10ACompact high speed thick film thermal printhead 12 dots / mm 1 2 3 4 5 Rohm
KD3003-DF10ACompact high speed thick film thermal printhead 12 dots / mm 1 2 3 4 Rohm
628LR/2R Ladder .220” Small Outline Thick Film DIP Surface Mount Resistor Networks 1 2 3 4 Bi technologies
KD2003-DG10ACompact high speed thick film thermal printhead 8dots / mm 1 2 3 4 5 Rohm
KD3004-DF10ACompact high speed thick film thermal printhead 12 dots / mm 1 2 3 4 5 Rohm
KD3003-DF10ACompact high speed thick film thermal printhead 12 dots / mm 1 2 3 4 Rohm
KD2004-DG10ACompact high speed thick film thermal printhead 8dots / mm 1 2 3 4 5 Rohm
B32237Metallized polyester film capacitors MKT High voltage wound 1 2 3 4 5 MoreEPCOS

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl